Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 16 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 16 Page - ams AG

Back Button AS1369 Datasheet HTML 12Page - ams AG AS1369 Datasheet HTML 13Page - ams AG AS1369 Datasheet HTML 14Page - ams AG AS1369 Datasheet HTML 15Page - ams AG AS1369 Datasheet HTML 16Page - ams AG AS1369 Datasheet HTML 17Page - ams AG AS1369 Datasheet HTML 18Page - ams AG AS1369 Datasheet HTML 19Page - ams AG AS1369 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
15 - 21
AS1369
Datasheet - Application In form atio n
8.4 Junction Temperature
Under all operating conditions, the maximum junction temperature should not be allowed to exceed 125°C (unless otherwise specified in the
datasheet). Limiting the maximum junction temperature requires knowledge of the heat path from junction to case (
JC°C/W fixed by the IC
manufacturer), and adjustment of the case to ambient heat path (
CA°C/W) by manipulation of the PCB copper area adjacent to the IC position.
Figure 48. Package Physical Arrangements
Figure 49. Steady State Heat Flow Equivalent Circuit
Total Thermal Path Resistance:
R
JA = RJC + RCS + RSA
(EQ 7)
Junction Temperature (TJ ºC) is determined by:
TJ = (PD(MAX) x RJA) + TAMB ºC
(EQ 8)
Chip
PCB
Package
Transfer Layer
CS-WLP Package
Solder Balls
Junction
TJ°C
Package
TC°C
PCB/Heatsink
TS°C
Ambient
TA°C
Chip
Power
R
JC
R
CS
R
SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com