Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1713 Datasheet(PDF) 7 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 7 Page - ams AG

Back Button AS1713 Datasheet HTML 3Page - ams AG AS1713 Datasheet HTML 4Page - ams AG AS1713 Datasheet HTML 5Page - ams AG AS1713 Datasheet HTML 6Page - ams AG AS1713 Datasheet HTML 7Page - ams AG AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG AS1713 Datasheet HTML 10Page - ams AG AS1713 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1713
Revision 1.03
6 - 16
AS1713
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VDD = 2.7V; VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RLOAD =
∞, VEN = VDD TAMB = +25ºC (unless otherwise specified).
Figure 3. Gain and Phase vs. Frequency
Figure 4. Gaind and Phase vs. freq.; CLOAD = 100pF
-40
-20
0
20
40
60
80
100
1E-05
0.001
0.1
10
1000
100000
Frequency (kHz)
0
30
60
90
120
150
180
210
Gain
Phase
-40
-20
0
20
40
60
80
100
1E-05
0.001
0.1
10
1000
100000
Frequency (kHz)
0
30
60
90
120
150
180
210
Gain
Phase
Figure 5. PSRR vs. Frequency
Figure 6. CMRR vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
1
100
10000
1000000
Frequency (kHz)
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.001
0.1
10
1000
Frequency (kHz)
Figure 7. Supply Current vs. Temperature
Figure 8. Shutdown Current vs. Temperature
0
0.5
1
1.5
2
2.5
3
-40
-15
10
35
60
85
Temperature (°C)
Vdd =2.7V
Vdd =5.0V
0.1
1
10
100
-40
-15
10
35
60
85
Temperature (°C)
Vdd =2.7V
Vdd =5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com