Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1713 Datasheet(PDF) 5 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 5 Page - ams AG

  AS1713 Datasheet HTML 1Page - ams AG AS1713 Datasheet HTML 2Page - ams AG AS1713 Datasheet HTML 3Page - ams AG AS1713 Datasheet HTML 4Page - ams AG AS1713 Datasheet HTML 5Page - ams AG AS1713 Datasheet HTML 6Page - ams AG AS1713 Datasheet HTML 7Page - ams AG AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1713
Revision 1.03
4 - 16
AS1713
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control)
methods.
DC Electrical Characteristics
VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RLOAD = Infinite, VEN = VDD, Typical values at TAMB = 25°C (unless otherwise speci-
fied).
Table 3. DC Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
+85
°C
VDD
Supply Voltage Range
Inferred from Power Supply Rejection Ratio Test
2.7
5.5
V
VOFFSET
Input Offset Voltage
-1.5
+1.5
mV
RSEIN
Single-Ended Input Resistance
8
10
12
k
Ω
VCM
Common Mode Input Voltage Range
Inferred from Common Mode Rejection Ratio
1
1. Guaranteed by design.
VSS
VDD
V
CMRR
Common Mode Rejection Ratio
VSS < VCM < VDD
45
60
dB
PSRR
Power Supply Rejection Ratio
VDD = 2.7 to 5.5V
60
70
dB
ROUT
Shutdown Output Impedance
VEN = 0V
130
Ω
VOUT-SHDNN
Shutdown Output Voltage
VEN = 0V, RLOAD = 2k
Ω to VDD
170
400
mV
Output Voltage Swing
VDD - VOH or
VOL - VSS
RLOAD = 32
Ω
350
650
mV
RLOAD = 200
Ω
70
120
RLOAD = 2k
Ω
920
VOUT
Output Voltage
VDD - VOH or
VOL - VSS
ILOAD = 10mA,
VDD = 2.7V
55
100
mV
ILOAD = 50mA,
VDD = 5V
100
200
IOUT
Output Source/Sink Current
VDD = 2.7V,
V- = VCM, V+ = VCM±100mV
100
mA
VDD = 5.0V,
V- = VCM, V+ = VCM±100mV
200
IDD
Quiescent Supply Current
VDD = 2.7V, VCM = VDD/2
1.6
3.2
mA
VDD = 5.0V, VCM = VDD/2
2.3
4.6
IDD-SHDNN
Shutdown Supply Current
VEN = 0V, VDD = 2.7V
1
2000
1
nA
EN Logic Threshold
Shutdown Mode
VSS +
0.3
V
Normal Operation
VDD -
0.3
EN Input Bias Current
VSS < VEN < VDD
50
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com