Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1713 Datasheet(PDF) 8 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 8 Page - ams AG

Back Button AS1713 Datasheet HTML 4Page - ams AG AS1713 Datasheet HTML 5Page - ams AG AS1713 Datasheet HTML 6Page - ams AG AS1713 Datasheet HTML 7Page - ams AG AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG AS1713 Datasheet HTML 10Page - ams AG AS1713 Datasheet HTML 11Page - ams AG AS1713 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1713
Revision 1.03
7 - 16
AS1713
Datasheet - Ty pical Operating Characteristics
Figure 9. Supply Current vs. CMRR
Figure 10. Input Voltage Noise vs. Frequency
0
0.5
1
1.5
2
2.5
3
01
23
45
Common-Mode Voltage (V)
Vdd =2.7V
Vdd =5.0V
1
10
100
1000
10000
0.0001
0.01
1
100
10000
Frequency (kHz)
Figure 11. Output Swing High vs. Temp.; VDD = 2.7V
Figure 12. Output Swing Low vs. Temp.; VDD = 2.7V
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
Temperature (°C)
10mA
200Ohm
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
Temperature (°C)
10mA
200Ohm
Figure 13. Output Swing High vs. Temp.; VDD = 5.5V
Figure 14. Output Swing Low vs. Temp.; VDD = 5.5V
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
Temperature (°C)
50mA
200Ohm
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
Temperature (°C)
50mA
200Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com