Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1713 Datasheet(PDF) 11 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 11 Page - ams AG

Back Button AS1713 Datasheet HTML 7Page - ams AG AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG AS1713 Datasheet HTML 10Page - ams AG AS1713 Datasheet HTML 11Page - ams AG AS1713 Datasheet HTML 12Page - ams AG AS1713 Datasheet HTML 13Page - ams AG AS1713 Datasheet HTML 14Page - ams AG AS1713 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1713
Revision 1.03
10 - 16
AS1713
Datasheet - Application In form atio n
8 Application Information
Ground Loop Interference Suppression:
In real life situations the signal source and the amplifier are often located a distance apart, but still share the same ground arrangement with a
number of other circuits. The ground system is never perfect as it has a small distributed resistance, capacitance and inductance. Thus, the
ground appears as a distributed impedance.
As a various current flow into and out of the ground system exists, a small voltage drop will inevitably occur, causing different voltages within the
ground. In Figure 23 and Figure 24, RGND denotes the ground resistance between the input signal ground and the output signal ground. The
voltage drop across RGND should ideally have no effect on individual circuit performance.
In the single ended inverting amplifier shown in Figure 23, the amplifier sees VIN and VGND in series, so the amplifier output is:
VOUT = - [R2/R1] [VIN+VGND](EQ 1)
Figure 23. Single Ended Inverting Amplifier
VGND is part of the output expression and is known as ground loop interference, ground bounce or even common impedance crosstalk. In some
situations this interference signal can be close to or the same value as the wanted input signal such as in sensor applications.
A difference amplifier is a simple method used to reduce the effect of ground interference. VIN is regarded as a differential input signal, and
VGND a common mode signal. From Figure 24, the amplifier output is:
VOUT = - [R2/R1] VIN
(EQ 2)
Figure 24. Difference Amplifier
The additional cost of extra matched resistors is offset by the rejection of the unwanted common mode ground interference.
R2
+
–
R1
RGND
+ VGND -
VIN
+
+
VOUT
-
AS1713
VIN
RGND
+ VGND -
SENSE
OUT
REF
INN
EN
INP
+
+
VOUT
-
+
–
R1
R2
R3
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com