Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1713 Datasheet(PDF) 3 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 3 Page - ams AG

  AS1713 Datasheet HTML 1Page - ams AG AS1713 Datasheet HTML 2Page - ams AG AS1713 Datasheet HTML 3Page - ams AG AS1713 Datasheet HTML 4Page - ams AG AS1713 Datasheet HTML 5Page - ams AG AS1713 Datasheet HTML 6Page - ams AG AS1713 Datasheet HTML 7Page - ams AG AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1713
Revision 1.03
2 - 16
AS1713
Datasheet - Pinout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1INP
Non-inverting Input.
2INN
Inverting Input.
3EN
Active-Low Enable Input. A logic low on this pin shuts down the device.
VSS: device in shutdown.
VDD: normal operation.
4VDD
Positive Supply Input.
5OUT
Amplifier Output.
6
VSS
Negative Supply Input. This pin must be connected to ground in single-supply applications.
7
SENSE
Sense Input. Ground this pin when external inverting gain control is required.
8REF
Reference Input. Reference to non-inverting input resistor network.
6VSS
7SENSE
8 REF
5OUT
3
EN
2
INN
1
INP
4
VDD
AS1713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com