Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1713 Datasheet(PDF) 6 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 6 Page - ams AG

Back Button AS1713 Datasheet HTML 2Page - ams AG AS1713 Datasheet HTML 3Page - ams AG AS1713 Datasheet HTML 4Page - ams AG AS1713 Datasheet HTML 5Page - ams AG AS1713 Datasheet HTML 6Page - ams AG AS1713 Datasheet HTML 7Page - ams AG AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG AS1713 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1713
Revision 1.03
5 - 16
AS1713
Datasheet - Electrical Character i s t ics
AC Electrical Characteristics
VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RLOAD = Infinite, VEN = VDD, TAMB = -40 to +85ºC. Typical values at TAMB = 25°C.
Table 4. AC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GBWP
Gain-Bandwidth Product
VCM = VDD/2
4
MHz
fC
Cut-off Frequency
8.5
MHz
SR
Slew Rate
5
V/µs
PM
Phase Margin
60
deg
GM
Gain Margin
1
10
dB
THD+N
Total Harmonic Distortion
Plus Noise
f = 10kHz, VOUT = 2VP-P, AVCL = 1V/V
60
dBc
CIN
Input Capacitance
2
pF
en
Voltage-Noise Density
1
1. Guaranteed by design.
f = 1kHz
40
nV/
√Hz
f = 10kHz
30
Capacitive-Load Stability
AVCL = 1V/V, no sustained oscillations
100
pF
tSHDN
Shutdown Time
1
µs
tENABLE
Enable Time from Shutdown
7
µs
tON
Power-Up Time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com