Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1713 Datasheet(PDF) 12 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 12 Page - ams AG

Back Button AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG AS1713 Datasheet HTML 10Page - ams AG AS1713 Datasheet HTML 11Page - ams AG AS1713 Datasheet HTML 12Page - ams AG AS1713 Datasheet HTML 13Page - ams AG AS1713 Datasheet HTML 14Page - ams AG AS1713 Datasheet HTML 15Page - ams AG AS1713 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com/Audio/OpAmps/AS1713
Revision 1.03
11 - 16
AS1713
Datasheet - Application In form atio n
Differential Input / Output Buffer
Figure 25. Differential Input / Output Buffer
Rail-to-Rail Input Stage
The AS1713 CMOS op amps have parallel connected n- and p-channel differential input stages that combine to accept a common-mode range
extending to both supply rails. The n-channel stage is active for common-mode input voltages typically greater than (VSS + 1.2V), and the p-
channel stage is active for common-mode input voltages typically less than (VDD - 1.2V).
Rail-to-Rail Output Stage
The minimum output is within millivolts of ground for single- supply operation, where the load is referenced to ground (VSS). Figure 26 shows the
input voltage range and the output voltage swing of an AS1713 connected as a voltage follower. The maximum output voltage swing is load
dependent although it is guaranteed to be within 500mV of the positive rail (VDD = 2.7V) even with maximum load (32
Ω to ground) as shown in
Figure 27.
AS1713
SENSE
OUT
REF
INN
EN
INP
VDD
VSS
AS1713
SENSE
OUT
REF
INN
EN
INP
VDD
VSS
VOUT
Differential
Output
VIN
Differential
Input
VDD/2
+
–
R1
R2
R3
R4
+
–
R1
R2
R3
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com