Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3490 Datasheet(PDF) 8 Page - ams AG

Part # AS3490
Description  Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3490 Datasheet(HTML) 8 Page - ams AG

Back Button AS3490 Datasheet HTML 4Page - ams AG AS3490 Datasheet HTML 5Page - ams AG AS3490 Datasheet HTML 6Page - ams AG AS3490 Datasheet HTML 7Page - ams AG AS3490 Datasheet HTML 8Page - ams AG AS3490 Datasheet HTML 9Page - ams AG AS3490 Datasheet HTML 10Page - ams AG AS3490 Datasheet HTML 11Page - ams AG AS3490 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.austriamicrosystems.com/AS3490
1.2
7 - 18
AS3490
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VBAT = 3.7V, TA = +25ºC (unless otherwise specified).
Figure 3. DCDC Efficiency vs. VBAT
Figure 4. LED Efficiency vs. VBAT
55
60
65
70
75
80
85
90
95
2,5
2,9
3,3
3,7
4,1
4,5
4,9
5,3
%
Input Voltage (V)
VLED=7.5V, ILEDs=73.5mA
VLED=7.5V, ILEDs=49mA
55
60
65
70
75
80
85
90
95
2,5
2,9
3,3
3,7
4,1
4,5
4,9
5,3
%
Input Voltage (V)
VLED=7.5V, ILEDs=73.5mA
VLED=7.5V, ILEDs=49mA
Figure 5. Efficiency vs. Load Current
Figure 6. Startup with PWM, 20% duty cycle
55
60
65
70
75
80
85
90
95
025
50
75
E
ff
ic
ie
n
cy
(%
)
ILED(s) (mA) - combined
LED Efficiency (PLED/PVIN)
DCDC Efficiency (PDCDC/PVIN)
Figure 7. Startup with PWM, 70% duty cycle
Figure 8. DCDC Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com