Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3490 Datasheet(PDF) 17 Page - ams AG

Part # AS3490
Description  Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3490 Datasheet(HTML) 17 Page - ams AG

Back Button AS3490 Datasheet HTML 11Page - ams AG AS3490 Datasheet HTML 12Page - ams AG AS3490 Datasheet HTML 13Page - ams AG AS3490 Datasheet HTML 14Page - ams AG AS3490 Datasheet HTML 15Page - ams AG AS3490 Datasheet HTML 16Page - ams AG AS3490 Datasheet HTML 17Page - ams AG AS3490 Datasheet HTML 18Page - ams AG AS3490 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
www.austriamicrosystems.com/AS3490
1.2
16 - 18
AS3490
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
Figure 21. 12pin WL-CSP12 1.7x1.4x0.5mm Marking
Note:
Line 1:
austriamicrosystems logo
Line 2:
AS3490
Line 3:
<Code>
Encoded Datecode (4 characters)
Figure 22. 12pin WL-CSP12 1.7x1.4x0.5mm Package Dimensions
The coplanarity of the balls is 40µm.
 

   


  



























 
 
   
   !"# 
$
%& '
(&)!
 
'
'
'



*
*
*
+
+
+
'
'
'



*
*
*
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com