Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3490 Datasheet(PDF) 13 Page - ams AG

Part # AS3490
Description  Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3490 Datasheet(HTML) 13 Page - ams AG

Back Button AS3490 Datasheet HTML 9Page - ams AG AS3490 Datasheet HTML 10Page - ams AG AS3490 Datasheet HTML 11Page - ams AG AS3490 Datasheet HTML 12Page - ams AG AS3490 Datasheet HTML 13Page - ams AG AS3490 Datasheet HTML 14Page - ams AG AS3490 Datasheet HTML 15Page - ams AG AS3490 Datasheet HTML 16Page - ams AG AS3490 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.austriamicrosystems.com/AS3490
1.2
12 - 18
AS3490
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 18. Single Open LED detection
Figure 19. All LEDs open
Protection and Fault Detection Functions
The protection functions protect the AS3490, its external components and connected LEDs against physical damage.
Overvoltage Protection
The voltage on VOUT is kept below or at VVOUT_MAX under every operating condition
6. If the voltage on VOUT is at
VVOUT_MAX for more than 70ms
7, the DCDC will shutdown. It can be re-enabled by setting ON to low for more than
tTIMEOUT.
6. When reaching VOUT=VVOUT_OPENLED, the open LED detection is performed.
7. The duration can vary from 55ms to 85ms within a single AS3490.


 
    
   !
"# $# 
!###
 %&
 '( )
 !
! *
 ! ((
&+ 
! (
  
 !
 
 ,-.
"# /
0+,-.+-1
& ! ###  ( 2
'       " (3( ' 
( "  ( !   

 
 
  
!   "
"   
#
 $  
% &
' ( 
)" * 
$    
+
      ,) - 
 $)    
'. !/
)"0 
(1#'. !/ '#!2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com