Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3490 Datasheet(PDF) 5 Page - ams AG

Part # AS3490
Description  Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3490 Datasheet(HTML) 5 Page - ams AG

  AS3490 Datasheet HTML 1Page - ams AG AS3490 Datasheet HTML 2Page - ams AG AS3490 Datasheet HTML 3Page - ams AG AS3490 Datasheet HTML 4Page - ams AG AS3490 Datasheet HTML 5Page - ams AG AS3490 Datasheet HTML 6Page - ams AG AS3490 Datasheet HTML 7Page - ams AG AS3490 Datasheet HTML 8Page - ams AG AS3490 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com/AS3490
1.2
4 - 18
AS3490
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VVIN = +2.5V to +5.5V, TAMB = -30ºC to +85ºC, unless otherwise specified. Typical values are at VVIN = +3.7V, TAMB =
+25ºC, unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General Operating Conditions
VVIN
Supply Voltage
2.5
3.7
5.5
V
VVIN_REDUC
ED
Supply Voltage
reduced performance
not all parameters within specification
2.3
V
ISHUTDOWN
Shutdown Current
ON=0V
0.5
2.0
µA
IVIN
Operating Current
no load, PWM Normal mode
250
µA
TAMB
Operating
Temperature
-30
25
85
ºC
DCDC Converter parameters
VVOUT
Output Voltage VOUT
automatically regulated
VVIN+
0.3V
VVOUT
_MAX
V
all other conditions with ON13=ON45
140
VVOUT_RIPP
LE_PWM
Voltage VOUT due to
PWM signal
DCDC not in pulseskip or current limit
70
mV
ILOAD
Load current
VOUT<7.5V
0.0
100
mA
Overall Efficiency
VVIN=3.7V, TAMB = +25ºC,
LED mismatch <= 30mV,
VLED=3.0V
ILOAD=50mA
86
%
ILOAD=75mA
85
86
ILOAD=100mA
86
fCLK
Operating Frequency
All internal timings are derived from this
oscillator
-10%
2.0
+10%
MHz
tMIN_ON
Minimum on-time
60
ns
MDC
Maximum Duty Cycle
90
%
RSW_P
DCDC Switch
SW - VOUT
0.5
RSW_N
DCDC Switch
SW - GND
0.5
Output voltage soft start
tVOUT_START
softstart time
measured from first high signal on ON
1.2
ms
VVOUT_
START
VOUT startup voltage
7.0
V
tPWM_START
_MAX
Startup with PWM
Maximum duration between PWM pulses
during startup; see Figure 17 on page 11
10
11
12
ms
tTIMEOUT
DCDC timeout time
if ON=0 for tTIMEOUT, the DCDC is stopped and
the AS3490 enters shutdown
29
48
ms
Current Sources
VLED1..3
LED1...LED3 output
voltage range
2.6
x2
3.3
x2
3.9
x2
V
ILED1..3
LED1...LED3 output
current range
0.0
25.0
mA
ILED1..3
LED1...LED3 current
source accuracy
1
ILED1..3 =20mA
-7.5
+7.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com