Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3490 Datasheet(PDF) 2 Page - ams AG

Part # AS3490
Description  Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3490 Datasheet(HTML) 2 Page - ams AG

  AS3490 Datasheet HTML 1Page - ams AG AS3490 Datasheet HTML 2Page - ams AG AS3490 Datasheet HTML 3Page - ams AG AS3490 Datasheet HTML 4Page - ams AG AS3490 Datasheet HTML 5Page - ams AG AS3490 Datasheet HTML 6Page - ams AG AS3490 Datasheet HTML 7Page - ams AG AS3490 Datasheet HTML 8Page - ams AG AS3490 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS3490
Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
www.austriamicrosystems.com/AS3490
1.2
1 - 18
(ptr)
Datasheet
1 General Description
The AS3490 is an inductive highly efficient DCDC boost
converter. The DCDC converter operates at a fixed fre-
quency of 2MHz and includes soft startup to allow easy
integration into noise sensitive RF systems. A predict-
able startup is guaranteed even with very low duty cycle
PWM input signals. The voltage on the output capacitor
is controlled to minimize ripple and to avoid any acoustic
effects for low frequency PWM input signals.
The output of the DCDC converter is used for five cur-
rent sources connected to up to 6 LEDs. If a current
source is not required, it shall be connected to VOUT or
GND - the AS3490 detects this condition and disables
this current source automatically; this keeps the effi-
ciency of the system constantly high.
The AS3490 is controlled by one enable input, ON. This
input can also be used to connect a PWM input (like
DLS or DBC).
The AS3490 includes several protection functions like
undervoltage lockout, overcurrent and overtemperature.
No microvias are required to assemble the AS3490.
The AS3490 is available in a space-saving WL-CSP
package measuring only 1.7x1.4x0.5mm and operates
over the -30ºC to +85ºC temperature range.
Figure 1. AS3490 Typical Operating Circuit
2 Key Features

2 MHz DCDC Boost converter
- Small 4.7µH external coil
- Very high system efficiency of 86% (DCDC and
current sources combined)
- Very low voltage changes on output to avoid
acoustic noise on output capacitor even with PWM
- Smooth startup even under low duty cycle PWM
conditions

Three Current sources up to 25mA
- Low voltage compliance (150mV)
- High side current source to simplify layout and
thermal management of the LEDs
- Automatically detect and disable failing or not used
LEDs to keep efficiency high
- Current matching <4%
- Current accuracy <7.5%

Excellent LED current output ripple <500µA

Support DLS (Dynamic Luminance Scaling or DBC)

Undervoltage lockout and overcurrent protection

Overtemperature protection

Available in a tiny WL-CSP package
- 3x4 balls, 0.4mm pitch, 1.7x1.4x0.5mm
3 Applications
Display backlight driver for mobile phones, digital cam-
eras, PND and PMPs.



 


 
 

 
AS3490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com