Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3490 Datasheet(PDF) 3 Page - ams AG

Part # AS3490
Description  Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3490 Datasheet(HTML) 3 Page - ams AG

  AS3490 Datasheet HTML 1Page - ams AG AS3490 Datasheet HTML 2Page - ams AG AS3490 Datasheet HTML 3Page - ams AG AS3490 Datasheet HTML 4Page - ams AG AS3490 Datasheet HTML 5Page - ams AG AS3490 Datasheet HTML 6Page - ams AG AS3490 Datasheet HTML 7Page - ams AG AS3490 Datasheet HTML 8Page - ams AG AS3490 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.austriamicrosystems.com/AS3490
1.2
2 - 18
AS3490
Datasheet - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments (Top View)
Pin Description
Table 1. WL-CSP12 Pin Description
Pin Number
Pin Name
Description
A1
VIN
Positive supply voltage input - connect to supply and make a short connection
to input capacitor CVIN
A2
ISET
External current set resistor, forced to 1.25V in operation - LED current
typically 400xISET current
A3
LED1
Current source output 1 - controlled by ON
B1
ON
Digital input pin - enable input active high for current sources D1...D3
1
1. If ON is low low, the AS3490 enters shutdown.
B2
GND
Supply ground - connect to ground supply
B3
LED2
Current source output 2 - controlled by ON
C1
GND
Supply ground - connect to supply and make a short connection to input
capacitor CVIN and CVOUT
C2
GND
Supply ground - connect to ground supply
C3
LED3
Current source output 3 - controlled by ON
D1
SW
DCDC converter switching node
D2
VOUT
DCDC converter output - make a short connection to capacitor COUT
D3
VOUT
Connect directly to Ball D2




 




 

















 
 

 








 
   !" "#  $ % & ' 
   !"#  $ % & ' 
AS3490
AS3490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com