Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3490 Datasheet(PDF) 15 Page - ams AG

Part # AS3490
Description  Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3490 Datasheet(HTML) 15 Page - ams AG

Back Button AS3490 Datasheet HTML 11Page - ams AG AS3490 Datasheet HTML 12Page - ams AG AS3490 Datasheet HTML 13Page - ams AG AS3490 Datasheet HTML 14Page - ams AG AS3490 Datasheet HTML 15Page - ams AG AS3490 Datasheet HTML 16Page - ams AG AS3490 Datasheet HTML 17Page - ams AG AS3490 Datasheet HTML 18Page - ams AG AS3490 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.austriamicrosystems.com/AS3490
1.2
14 - 18
AS3490
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
External Components
Input Capacitor CVIN
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Ceramic
capacitors are required for input decoupling and should be located as close to the device as is practical.
If a different input capacitor is chosen, ensure similar ESR value and at least 0.6µF capacitance at the maximum input
supply voltage. Larger capacitor values (C) may be used without limitations.
Output Capacitors COUT
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since
they have low ESR and are available in small footprints. The capacitor should be located as close to the device as is
practical.
X5R dielectric material is recommended due to their ability to maintain capacitance over wide voltage and temperature
range.
If a different output capacitor is chosen, ensure similar ESR values and at least 4.2µF @ 5.6V and maximum 20µF
capacitance.
Table 4. Recommended Input Capacitor
Part Number
C
TC Code
ESR
Rated
Voltage
Size
Manufacturer
GRM155R60J225ME15
2.2µF +/-20%
X5R
6V3
0402
(1.0x0.5x
0.5mm)
Murata
www.murata.com
GRM155R60J155M---D
1.5µF
X5R
6V3
ECJ0MBFJ185V
X5R
0402
(1.0x0.5x
0.5mm)
Panasonic Matsushita
www.panasonic.com
JDK105BJ155MVNF
X5R
0402
(1.0x0.5x
0.5mm)
Taiyo Yuden
www.taiyo-yuden.com
Table 5. Recommended Output Capacitor COUT
Part Number
C
TC Code
ESR
Rated
Voltage
Size
Manufacturer
GRM219R61A116UE82L
10µF
X5R
120m
10V
0805
(2x1.25x
0.85mm)
Murata
www.murata.com
LDK212BJ106MDNT
10µF
X5R
10V
0805
(2x1.25x
0.85mm)
Taiyo Yuden
www.taiyo-yuden.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com