Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543-ECTP Datasheet(PDF) 73 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 73 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 69Page - ams AG AS3543-ECTP Datasheet HTML 70Page - ams AG AS3543-ECTP Datasheet HTML 71Page - ams AG AS3543-ECTP Datasheet HTML 72Page - ams AG AS3543-ECTP Datasheet HTML 73Page - ams AG AS3543-ECTP Datasheet HTML 74Page - ams AG AS3543-ECTP Datasheet HTML 75Page - ams AG AS3543-ECTP Datasheet HTML 76Page - ams AG AS3543-ECTP Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
72 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 70. Out_Cntr3 Register
Name
Base
Default
Out_Cntr3
2-wire serial
00h
Offset: 1Ah-3
SDO and XIRQ Output Control Register
This is an extended register and needs to be enabled by writing 011b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:6
DRIVE_SDO<1:0>
00
R/W
Sets the SDO output pin to push-pull or tri-state and sets
various driving strengths
00: 6mA push-pull output
01: HiZ, stri-state
10: 2mA push-pull output
11: 1mA push-pull output
5:4
MUX_SDO<1:0>
00
R/W
Multiplexes various digital signals to theSDO output pin
00: SDO, serial data output of the audio ADC
01: CLK24M, 24MHz oszillator output
10: CLKINT1, internal clock signal, see Clk_Cntr regsiter
11: PWM, PMW_Cntr register
3:2
DRIVE_XIRQ<1:0>
00
R/W
Sets the XIRQ output pin to open-drain, push-pull or tri-state
and sets various driving strengths
00: 6mA open-drain output
01: 6mA push-pull output
10: 1mA push-pull output
11: HiZ, stri-state
1:0
MUX_XIRQ<1:0>
00
R/W
Multiplexes various digital signals to the XRES output pin
00: XIRQ, active low interrupt request signal
01: CLKINT1, internal clock signal, see Clk_Cntr regsiter
10: CLKINT2, internal clock signal, see Clk_Cntr regsiter
11: IRQ, active low reset signal
Table 71. In_Cntr Register
Name
Base
Default
In_Cntr
2-wire serial
00h
Offset: 1Ah-4
HBT and Dimming Input Control Register
This is an extended register and needs to be enabled by writing 100b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:4
-
0000
n/a
3:2
MUX_HBT<1:0>
00
R/W
Selects the HBT (heartbeat) input pin
00: OFF, heartbeat input deactivated
01: PWGD pin
10: Q24M pin
11: Q32k pin
1:0
MUX_ExtDim<1:0>
00
R/W
Selects the input pin for external dimming of the DCDC15
00: OFF, no pin selected
In this mode the current sinks can be used without enabling
the DCDC15. ExtDim_ON bit has to be set in DCDC15
register.
01: PWGD pin
10: Q24M pin
11: Q32k pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com