Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543-ECTP Datasheet(PDF) 79 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 79 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 75Page - ams AG AS3543-ECTP Datasheet HTML 76Page - ams AG AS3543-ECTP Datasheet HTML 77Page - ams AG AS3543-ECTP Datasheet HTML 78Page - ams AG AS3543-ECTP Datasheet HTML 79Page - ams AG AS3543-ECTP Datasheet HTML 80Page - ams AG AS3543-ECTP Datasheet HTML 81Page - ams AG AS3543-ECTP Datasheet HTML 82Page - ams AG AS3543-ECTP Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
78 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 81. RAM & WakeUp Register
Name
Base
Default
RAM & WakeUp
2-wire serial
00h
Offset: 22h
RAM & WakeUp Register
Sets and enables the RTC wake-up counter and programs the 128bit SRAM.
3 bytes need to be written in a sequence to set the counter. The MSB of the
3
rd
byte enables the wake-up counter. Byte 4 …19 will program the static
128bit SRAM which is supplied by RVDD. This register keeps its content during
normal shut-down and is only reset at a RVDD-POR.
Bit
Byte Name
Default
Access
Bit Description
7:0
WAKE_UP_BYTE_0
(1
st
write to 0x19 is
byte 0)
00h
R/W
0000 0001b: 1sec
0000 0010b: 2sec
0000 0100b: 4sec
0000 1000b: 8sec
0001 0000b: 16sec
0010 0000b: 32sec
0100 0000b: 64sec
1000 0000b: 128sec
7:0
WAKE_UP_BYTE_1
(2
nd
write to 0x19 is
byte 1)
00h
R/W
0000 0001b: 256sec
0000 0010b: 512sec
0000 0100b: 1 024sec
0000 1000b: 2 048sec
0001 0000b: 4 096sec
0010 0000b: 8 192sec
0100 0000b: 16 384sec
1000 0000b: 32 768sec
7:0
WAKE_UP_BYTE_2
(3
rd
write to 0x19 is
byte 2)
00h
n/a
000 0001b: 65 536sec
000 0010b: 131 072sec
000 0100b: 262 144sec
000 1000b: 524 288sec
001 0000b: 1 048 576sec
010 0000b: 2 097 152sec
100 0000b: 4 194 304sec
0xxx xxxxxb = wake-up disabled
1xxx xxxxxb = wake-up enabled
7:0
SRAM_128<0:15>
(4
th
… 19
th
write to
0x22 programs the
128bit static SRAM)
00h
R/W
xxxx xxxxb = byte 0
:
xxxx xxxxb = byte 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com