Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543-ECTP Datasheet(PDF) 87 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 87 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 83Page - ams AG AS3543-ECTP Datasheet HTML 84Page - ams AG AS3543-ECTP Datasheet HTML 85Page - ams AG AS3543-ECTP Datasheet HTML 86Page - ams AG AS3543-ECTP Datasheet HTML 87Page - ams AG AS3543-ECTP Datasheet HTML 88Page - ams AG AS3543-ECTP Datasheet HTML 89Page - ams AG AS3543-ECTP Datasheet HTML 90Page - ams AG AS3543-ECTP Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
86 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 90. ADC10_0 Register
Name
Base
Default
ADC10_0
2-wire serial
0000 00xxb
Offset: 2Eh
First 10-bit ADC Register
Writing to this register will start the measurement of the selected source.
This register is reset at a AVDD27-POR, exception are bit 0 and 1
Bit
Bit Name
Default
Access
Bit Description
7:4
ADC10_MUX<3:0>
0000
R/W
Selects ADC input source
0000: BVDD
0001: BVDDR
0010: CHGIN
0011: CHGOUT
0100: VBUS
0101: defined by DC_TEST in register 0x1C
0110: BATTEMP
0111: reserved
1000: MICS
1001: reserved
1010: I_MICS
1011: reserved
1100: VBE_1uA
1101: VBE_2uA
1110: I_CHGact
1101: I_CHGref
3:2
-
00
n/a
1:0
ADC10<9:8>
xx
R
ADC result bit 9 to 8
Table 91. ADC10_1 Register
Name
Base
Default
ADC10_1
2-wire serial
xxh
Offset: 2Fh
Second 10-bit ADC Register
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:0
ADC10<7:0>
00h
R
ADC results bits 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com