Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543-ECTP Datasheet(PDF) 84 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 84 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 80Page - ams AG AS3543-ECTP Datasheet HTML 81Page - ams AG AS3543-ECTP Datasheet HTML 82Page - ams AG AS3543-ECTP Datasheet HTML 83Page - ams AG AS3543-ECTP Datasheet HTML 84Page - ams AG AS3543-ECTP Datasheet HTML 85Page - ams AG AS3543-ECTP Datasheet HTML 86Page - ams AG AS3543-ECTP Datasheet HTML 87Page - ams AG AS3543-ECTP Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
83 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
5
HP_OVC
(level)
0
W
Headphone over-current interrupt setting
0: disable
1: enable
The interrupt must not be enabled if the headphone block is
disabled
x
R
Headphone over-current interrupt reading
0: no over-current detected
1: headphone over-current detected, headphone amplifier was
shut down. The current thresholds are 150mA at HPR / HPL
pin or 300mA at HPCM pin.
4
I2S_status
x
R
0: no LRCK on I2S interface detected
1: LRCK on I2S interface present
3
I2S_IRQ
0
W
I2S input status change interrupt setting
0: disable
1: enable
I2S_changed
(status change)
x
R
I2S input status change interrupt reading
0: I2S input status not changed
1: I2S input status changed, check I2S_status
2
VOXM_IRQ
0
W
Enables interrupt which is invoked by reaching a voltage
threshold at the MIC input (voice activation)
0: disable
1: enable
x
R
This bit is set when a voltage threshold of 5mVRMS (unfiltered)
at the MIC has been reached (voice activation)
1
MIC_CON
(level)
0
W
Microphone connect detection interrupt setting
0: disable
1: enable
x
R
Microphone connect detection interrupt reading
0: no microphone connected to MIC input
1: microphone connected at MIC input.
This interrupt is only invoked when the microphone stage is
powered down. The IRQ will be released after enabling the
microphone stage.
Detecting a microphone during operation has to be done by
measuring the supply current
0
HPH_CON
(level)
0
W
Headphone connect detection interrupt setting
0: disable
1: enable
x
R
Headphone connect detection interrupt reading
0: no headphone connected
1: headphone connected
This interrupt is only invoked when the headphone stage is
powered down. The IRQ will be released after enabling the
headphone stage.
Detecting a headphone during operation is not possible.
Table 85. Fourth Interrupt Register
Name
Base
Default
IRQENRD_3
2-wire serial
00h
Offset: 26h
Fourth Interrupt Register
Please be aware that writing to this register will enable/disable the
corresponding interrupts, while reading gets the actual interrupt status and
will clear the register at the same time. It is not possible to read back the
interrupt enable/disable settings. This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com