Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543-ECTP Datasheet(PDF) 86 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 86 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 82Page - ams AG AS3543-ECTP Datasheet HTML 83Page - ams AG AS3543-ECTP Datasheet HTML 84Page - ams AG AS3543-ECTP Datasheet HTML 85Page - ams AG AS3543-ECTP Datasheet HTML 86Page - ams AG AS3543-ECTP Datasheet HTML 87Page - ams AG AS3543-ECTP Datasheet HTML 88Page - ams AG AS3543-ECTP Datasheet HTML 89Page - ams AG AS3543-ECTP Datasheet HTML 90Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
85 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 87. RTC_Cntr Register
Name
Base
Default
RTC_Cntr
2-wire serial
03h
Offset: 28h
RTC Control Register
This register is reset at a RVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:4
Free_Bits<3:0>
0000
R/W
Free Bits to be used for application purpose
3:2
-
00
n/a
1
RTC_ON
1
R/W
RTC counter clock control:
0: Disable clock for RTC counter
1: Enables clock for RTC counter
0
OSC_ON
1
RW
RTC oscillator control:
0: Disable RTC oscillator
1: Enable RTC oscillator
Table 88. RTC_Time Register
Name
Base
Default
RTC_time
2-wire serial
03h
Offset: 29h
RTC Timing Register
This register is reset at a RVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
IRQ_MIN
0
R/W
0: generates an interrupt every second
1: generates an interrupt every minute
The interrupt has to be enable in IRQENRD_4 (27h)
6:0
TRTC<6:0>
1000000
R/W
These bits are used to correct the inaccuracy of the used
32kHz crystal.
Trimming register for RTC, 128 steps @ 7.6ppm
000000: 1 (7.6ppm)
000001: 2 (15.2ppm)
…
100000: 64 (488ppm)
…
111110: 126 (960.8ppm)
111111: 127 (968.4ppm)
Table 89. RTC_0 to RTC_3 Register
Name
Base
Default
RTC_0 to RTC_3
2-wire serial
03h
Offset: 2Ah to 2Dh
RTC Counter Seconds Register
This register is reset at a RVDD-POR.
Adr.
Byte Name
Default
Access
Bit Description
2Ah
RTC_0
00h
R/W
QRTC<7:0>; RTC seconds bits 0 to 7
2Bh
RTC_1
00h
R/W
QRTC<15:8>; RTC seconds bits 8 to 15
2Ch
RTC_2
00h
R/W
QRTC<23:9>; RTC seconds bits 9 to 23
2Dh
RTC_3
00h
R/W
QRTC<31:24>; RTC seconds bits 24 to 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com