Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543-ECTP Datasheet(PDF) 76 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 76 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 72Page - ams AG AS3543-ECTP Datasheet HTML 73Page - ams AG AS3543-ECTP Datasheet HTML 74Page - ams AG AS3543-ECTP Datasheet HTML 75Page - ams AG AS3543-ECTP Datasheet HTML 76Page - ams AG AS3543-ECTP Datasheet HTML 77Page - ams AG AS3543-ECTP Datasheet HTML 78Page - ams AG AS3543-ECTP Datasheet HTML 79Page - ams AG AS3543-ECTP Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
75 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 76. ISINK1 Register
Name
Base
Default
ISINK1
2-wire serial
00h
Offset: 1Bh-2
ISINK1 Register
This is an extended register and needs to be enabled by writing 010b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:3
I_SINK1<4:0>
00000
R/W
sets the current into current sink 1in 1.2mA steps
0: OFF, current sink 1 disabled
1-31 1.2mA * I_SINK1 -> (1.2mA...37.2mA)
2:0
-
000
n/a
Table 77. ISINK2 Register
Name
Base
Default
ISINK2
2-wire serial
00h
Offset: 1Bh-3
ISINK2 Register
This is an extended register and needs to be enabled by writing 011b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:3
I_SINK2<4:0>
00000
R/W
sets the current into current sink 2in 1.2mA steps
0: OFF, current sink 2 disabled
1-31 1.2mA * I_SINK2 -> (1.2mA...37.2mA)
2:0
-
000
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com