Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543-ECTP Datasheet(PDF) 82 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 82 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 78Page - ams AG AS3543-ECTP Datasheet HTML 79Page - ams AG AS3543-ECTP Datasheet HTML 80Page - ams AG AS3543-ECTP Datasheet HTML 81Page - ams AG AS3543-ECTP Datasheet HTML 82Page - ams AG AS3543-ECTP Datasheet HTML 83Page - ams AG AS3543-ECTP Datasheet HTML 84Page - ams AG AS3543-ECTP Datasheet HTML 85Page - ams AG AS3543-ECTP Datasheet HTML 86Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
81 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 84. Thrid Interrupt Register
Name
Base
Default
IRQENRD_2
2-wire serial
00h
Offset: 25h
Third Interrupt Register
Please be aware that writing to this register will enable/disable the
corresponding interrupts, while reading gets the actual interrupt status and
will clear the register at the same time. It is not possible to read back the
interrupt enable/disable settings. This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
BATTEMP_IRQ
0
W
Battery over-temperature interrupt setting.
0: disable
1: enable interrupt if battery temperature exceeds 45/55°C
The interrupt must not be enabled if the charger block and
battery temperature supervision is disabled
x
R
Battery over-temperature interrupt reading
0: battery temperature below 45/55°C
1: battery temperature was too high and the charger was
turned off. The charger will be turned on again, when the
temperature gets below 42/50°C
6
CHG_EOC
x
R
Battery end of charge interrupt reading
0: battery charging in progress
1: charging is complete, charging current is below 10% of
nominal current, turn off charger
5
CHG_CON
x
R
0: no charger input source connected
1: charger input source connected, also valid if charger is
connected during wakeup
4
CHG_IRQ
0
W
Charger status change interrupt setting
0: disable
1: enables an interrupt on a low to high or high to low change
of CHGIN pin or on an EOC condition
CHG_changed
(status change)
x
R
Charger input status change interrupt reading
0: charger status not changed
1: charger status changed, check CHG_CON, CHG_EOC
3
USB_CON
0
n/a
0: no USB input connected
1: USB input connected, also valid if USB is connected during
wakeup. The threshold can be set in the USB_UTIL register
(1Ah)
2
USB_IRQ
0
W
USB input status change interrupt setting
0: disable
1: enables an interrupt on a low to high or high to low change
of VBUS pin. The threshold can be set in the USB_UTIL
register (1Ah)
USB_changed
(status change)
x
R
USB input status change interrupt reading
0: USB input status not changed
1: USB input status changed, check USB_CON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com