Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 1 Page - ams AG

Part # AS3668
Description  4 Channel Breathlight Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 1 Page - ams AG

  AS3668 Datasheet HTML 1Page - ams AG AS3668 Datasheet HTML 2Page - ams AG AS3668 Datasheet HTML 3Page - ams AG AS3668 Datasheet HTML 4Page - ams AG AS3668 Datasheet HTML 5Page - ams AG AS3668 Datasheet HTML 6Page - ams AG AS3668 Datasheet HTML 7Page - ams AG AS3668 Datasheet HTML 8Page - ams AG AS3668 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
AS3668
4 Channel Breathlight Controller
www.ams.com/AS3668
Revision 1.13
1 - 59
Data Sheet
1 General Description
The AS3668 is a 4-channel LED driver designed to produce lighting
effects for portable devices. A highly efficient charge pump enables
LED driving over full Li-Ion battery voltage range. The device is
equipped with an internal program memory, which allows control of
LED patterns even without processor control. This helps the whole
system to save power and extend for example battery life time in
every mobile application. The AS3668 maintains excellent efficiency
over a wide operating range by automatically selecting the best
charge pump gain based on the LED forward voltage requirements
and the device input voltage.
Furthermore the chip supports an automatic power-save mode which
gets active when LED outputs are not active. The special power-
save mode has a extremely low current consumption below 10μA
(typ.).the AS3668 has an I2C-compatible control interface which
supports two slave address without having a dedicated address
selection pin. For fancy lighting effects synchronized with an audio
signal the device supports special digital filter modes in order to
make music literally visible on the 4 independent configurable
current sources.
The AS3668 is available in a very tiny 12-pin WL-CSP
(1.255x1.680mm) 0.4mm pitch package.
Figure 1. AS3668 Block Diagram
2 Key Features

High efficiency capacitive 60mA charge pump with 1:1 and 1:2
mode

Automatic mode switching for charge pump

Automatic Pattern Mode without digital control

Highly accurate 4 Channel High Side 25.5mA current sources

Audio Controlled Lighting with internal digital filters

Charge Pump with soft start and overcurrent/short circuit pro-
tection

Integrated “easy to use” pattern generator for breathlight LED
function with logarithmic 12bit dimming

Small application circuit

Minimum number of external components

Available in 12-pin WL-CSP (1.255x1.680mm) with 0.4mm pitch
3 Applications
The product is perfect for Mobilephones, MP3 Player, Portable
Navigation Devices, Digital Cameras, USB Dongles/Modems, Game
Controllers and can be used for fun and indicator lights, backlighting
and as programmable current sources.


Similar Part No. - AS3668

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3668 AMSCO-AS3668 Datasheet
3Mb / 60P
4 Channel Breathl ight Cont rol ler
AS3668-BQFT AMSCO-AS3668-BQFT Datasheet
3Mb / 60P
4 Channel Breathl ight Cont rol ler
More results

Similar Description - AS3668

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
4-Channel Speech Controller
SN66021 SONIX-SN66021 Datasheet
130Kb / 5P
4-Channel Speech Controller
SN66030 SONIX-SN66030 Datasheet
167Kb / 5P
4-Channel Speech Controller
SN66340 SONIX-SN66340 Datasheet
99Kb / 4P
4-Channel Speech Controller
SNC698 SONIX-SNC698 Datasheet
428Kb / 14P
4-Channel Speech Controller?
SN56040 SONIX-SN56040 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
logo
Generalplus Technology ...
GPCH4256B GENERALPLUS-GPCH4256B Datasheet
604Kb / 20P
4-channel Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com