Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 45 Page - ams AG

Part # AS3668
Description  4 Channel Breathlight Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 45 Page - ams AG

Back Button AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG AS3668 Datasheet HTML 43Page - ams AG AS3668 Datasheet HTML 44Page - ams AG AS3668 Datasheet HTML 45Page - ams AG AS3668 Datasheet HTML 46Page - ams AG AS3668 Datasheet HTML 47Page - ams AG AS3668 Datasheet HTML 48Page - ams AG AS3668 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
www.ams.com
Revision 1.13
45 - 59
AS3668 2V0
Data Sheet - Register Map
17h
PWM Trigger
start_dim
0: no dimming
1: start log dimming
dim_curr4
0: CURR4 off
1: CURR4 on
dim_curr3
0: CURR3 off
1: CURR3 on
dim_curr2
0: CURR2 off
1: CURR2 on
dim_curr1
0: CURR1 off
1: CURR1 on
Pattern Control
18h
Pattern Timing
pattern_toff<5:3>
000: 0.08s 001: 0.15s 010: 0.28s 011: 0.54s
100: 1.1s 101: 2.1s 110: 4.2s 111: 8.4s
pattern_ton<2:0>
000: 0.04s 001: 0.07s 010: 0.14s 011: 0.27s
100: 0.53s 101: 1.1s 110: 2.1s 111: 4.2s
19h
Multiple Pulse
multiple_pulse<7:6>
00: 1 pulse 01: 2 pulses
10: 3 pulses 11: 4 pulses
tp_led<1:0>
00: 0ms 01: 150ms
10: 280ms 11: 540ms
1Ah
Frame Mask
fmask_curr4<7:6>
00: No frame mask for CURR4
01: Mask 1 frame for CURR4
10: Mask 2 frame for CURR4
11: Mask 3 frame for CURR4
fmask_curr3<5:4>
00: No frame mask for CURR3
01: Mask 1 frame for CURR3
10: Mask 2 frame for CURR3
11: Mask 3 frame for CURR3
fmask_curr2<3:2>
00: No frame mask for CURR2
01: Mask 1 frame for CURR2
10: Mask 2 frame for CURR2
11: Mask 3 frame for CURR2
fmask_curr1<1:0>
00: No frame mask for CURR1
01: Mask 1 frame for CURR1
10: Mask 2 frame for CURR1
11: Mask 3 frame for CURR1
1Bh
Start Control
pattern_phase_out
0: turn off immediately
1: phase out pattern
pattern_enable
0: pattern off
1: start pattern
pattern_start_src
0: Softw. pattern enable
1: GPIO pattern enable
1Ch
Pattern Frame
Start Delay
frame_delay4
0: no delay 1: CURR4 1 frame delay
2: CURR4 2 frames delay 3:CURR4 3 frames delay
frame_delay3
0: no delay 1: CURR3 1 frame delay
2: CURR3 2 frames delay 3:CURR3 3 frames delay
frame_delay2
0: no delay 1: CURR2 1 frame delay
2: CURR2 2 frames delay 3:CURR2 3 frames delay
frame_delay1
0: no delay 1: CURR1 1 frame delay
2: CURR1 2 frames delay 3:CURR1 3 frames delay
1Dh
GPIO toggle
control
gpio_toggle_en
0: disabled
1: enabled
gpio_toggle_framenr
0: 1 frame 1: 2 frames
2: 3 frames 3: 4 frames
ADC Result
26h
adc_select
0: Audip Preamplifier
1: GPIO direct
adc_mode
0: linear ADC
1: logarithmic ADC
adc_on
0: ADC off
1: ADC on
27h
ADC Result
adc_result<3:0>
Charge Pump
00h
Reg Control
cp_on
0: Charge Pump off
1: Charge Pump on
Table 44. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com