Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 20 Page - ams AG

Part # AS3668
Description  4 Channel Breathlight Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 20 Page - ams AG

Back Button AS3668 Datasheet HTML 16Page - ams AG AS3668 Datasheet HTML 17Page - ams AG AS3668 Datasheet HTML 18Page - ams AG AS3668 Datasheet HTML 19Page - ams AG AS3668 Datasheet HTML 20Page - ams AG AS3668 Datasheet HTML 21Page - ams AG AS3668 Datasheet HTML 22Page - ams AG AS3668 Datasheet HTML 23Page - ams AG AS3668 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
www.ams.com/AS3668
Revision 1.13
20 - 59
AS3668
Data Sheet - Detailed Description
Figure 25. Reset Circuit Block Diagram
8.4 VBAT Monitor
The VBAT monitor is a supervisory circuit. The monitor is per default disabled when the AS3668 is powered up. The function can be used in order
to send the device automatically into standby mode if the supply voltage of AS3668 drops below the defined values in register vmon_vbat. All
together the user can select between three different voltage thresholds for this function with 3.375V, 3.3V and 3.0V. If the function is disabled the
device switches of if the battery voltage drops below 2.0V. The monitor function has also a debouncer with 100ms implemented in order to filter
the 217Hz GSM noise pulses from the battery supply voltage. Without the debouncer the chip would be susceptible to this noise and maybe
enter into standby mode due to a misinterpretation of the supply voltage.
Table 17. Power On Reset Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VPOR_VBAT
Overall Power-On Reset
Monitor voltage on VBAT; power-on reset for all
internal functions.
2.0
V
VMON_VBAT
Register defined stand by
mode voltage
depending on register setting the voltage can be
configured
3.0V
3.3V
VPOR_PERI
Reset Level for pins SCL
Monitor voltage on pin SCL
1.0
V
tPOR_DEB
Reset debounce time for
pins SCL
110
130
150
ms
tstart
Interface Startup Time
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com