Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 32 Page - ams AG

Part # AS3668
Description  4 Channel Breathlight Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 32 Page - ams AG

Back Button AS3668 Datasheet HTML 28Page - ams AG AS3668 Datasheet HTML 29Page - ams AG AS3668 Datasheet HTML 30Page - ams AG AS3668 Datasheet HTML 31Page - ams AG AS3668 Datasheet HTML 32Page - ams AG AS3668 Datasheet HTML 33Page - ams AG AS3668 Datasheet HTML 34Page - ams AG AS3668 Datasheet HTML 35Page - ams AG AS3668 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
www.ams.com/AS3668
Revision 1.13
32 - 59
AS3668
Data Sheet - Detailed Description
8.9.1 Audio Control Register . .
Table 28. Audio AGC Register
0x40 Audio AGC Register
Bit
Bit Name
Default
Access
Bit Description
6
agc_up_level
0
R/W
This bit allows the change of the AGC up switching threshold.
0: Default AGC up switching threshold
1: Increased AGC up switching threshold
5
agc_down_level
0
R/W
This bit allows the change of the AGC down switching threshold.
0: Default AGC down switching threshold
1: Increased AGC down switching threshold
4:3
decay_agc_down
0
R/W
Defines the decay time for the automatic gain control of the audio input
amplifier for decreasing the gain.
00: 0.131s
01: 0.262s
10: 0.393s
11: 0.524s
2:1
decay_agc_up
0
R/W
Defines the decay time for the automatic gain control of the audio input
amplifier for increasing the gain.
00: 0.262s
01: 0.524s
10: 0.786s
11: 1.049s
0
agc_on
0
R/W
This bit allows the user the enable / disable the automatic gain control of the
audio input amplifier.
0: Automatic Gain Control off
1: Automatic Gain Control on
Table 29. Audio Input Buffer Register
0x41 Audio Input Buffer Register
Bit
Bit Name
Default
Access
Bit Description
7
audio_dis_start
0
R/W
Enables the audio input capacitor precharging. This function is only active if
register audio_man_start is set to manual precharging. After precharging
register audio_dis_start must be cleared again.
0: Input capacitor precharging enabled
1: Input capacitor precharging disabled
6
audio_man_start
0
R/W
Configures the input capacitor precharging mechanism for auto precharging
or manual precharging.
0: Automatic Precharging
1: Manual Precharging
5:1
audio_gain
0
R/W
Configures the gain of the audio preamplifier. The gain can be configured in
the range of -6dB up to +25dB according to the register setting in 1dB steps.
0 0000: -6dB
0 0001: -5dB
0 0010: -4dB
0 0011: -3dB
...
1 1111: 25dB
0
aud_buf_on
0
R/W
This bit switches the internal audio buffer amplifier on and off according to
the register setting
0: Audio Buffer off
1: Audio Buffer on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com