Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 44 Page - ams AG

Part # AS3668
Description  4 Channel Breathlight Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 44 Page - ams AG

Back Button AS3668 Datasheet HTML 40Page - ams AG AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG AS3668 Datasheet HTML 43Page - ams AG AS3668 Datasheet HTML 44Page - ams AG AS3668 Datasheet HTML 45Page - ams AG AS3668 Datasheet HTML 46Page - ams AG AS3668 Datasheet HTML 47Page - ams AG AS3668 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
www.ams.com
Revision 1.13
44 - 59
AS3668 2V0
Data Sheet - Register Map
9 Register Map
Table 44. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0
Chip ID
3Eh
CHIP ID1
chip_id1<7:0>
Constant value ‘b10100101’
3Fh
CHIP ID2
chip_id2<7:4>
revision<3:0>
LED Control
01h
CurrX control
curr4_mode<7:6>
0: current source 4 off; 1:current source 4 on;
2: current source 4 PWM; 3: Current source 4 Patt.
curr3_mode<5:4>
0: current source 3 off; 1:current source 3 on;
2: current source 3 PWM; 3: Current source 3 Patt.
curr2_mode<3:2>
0: current source 2 off; 1:current source 2 on;
2: current source 2 PWM; 3: Current source 2 Patt.
curr1_mode<1:0>
0: current source 1 off; 1:current source 1 on;
2: current source 1 PWM; 3: Current source 1 Patt.
02h
CURR1 current curr1_current<7:0>
Output current for current source CURR1 = 0mA ... 25.5mA; 256 steps of 0.1mA.
03h
CURR2 current curr2_current<7:0>
Output current for current source CURR2 = 0mA ... 25.5mA; 256 steps of 0.1mA.
04h
CURR3 current curr3_current<7:0>
Output current for current source CURR3 = 0mA ... 25.5mA; 256 steps of 0.1mA.
05h
CURR4 current curr4_current<7:0>
Output current for current source CURR4 = 0mA ... 25.5mA; 256 steps of 0.1mA.
2Bh
CurrX low
voltage status
curr4_low_v
0: CURR4 voltage ok
1: CURR4 low voltage
curr3_low_v
0: CURR3 voltage ok
1: CURR3 low voltage
curr2_low_v
0: CURR2 voltage ok
1: CURR2 low voltage
curr1_low_v
0: CURR1 voltage ok
1: CURR1 low voltage
GPIO Control
06h
GPIO Control
gpio_in_invert
0: non-inverted dig. input
1: inverted digital input
gpio_in_en
0: analog input
1: digital input
gpio_mode
0: Input only
1: Output (open drain)
07h
GPIO Output
gpio_out
0: GPIO pin low
1: GPIO pin high
08h
GPIO Signal
gpio_in
0: GPIO pin low
1: GPIO pin high
PWM control
15h
PWM Control
pwm_dim_shape
0: logarithmic ramp
1: linear ramp
pwm_src
0: internal PWM
1: external PWM
16h
PWM Timing
pwm_dim_speed_up<7:4>
0: immediate 1: 0.12s 2: 0.25s 3: 0.38s 4: 0.51s 5: 0.77s 6: 1.0s 7: 1.6s 8: 2.1s
9: 2.6s 10: 3.1s 11: 4.2s 12: 5.2s 13: 6.2s 14: 7.3s 15: 8.3s
pwm_dim_speed_down
0: immediate 1: 0.12s 2: 0.25s 3: 0.38s 4: 0.51s 5: 0.77s 6: 1.0s 7: 1.6s 8: 2.1s
9: 2.6s 10: 3.1s 11: 4.2s 12: 5.2s 13: 6.2s 14: 7.3s 15: 8.3s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com