Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 14 Page - ams AG

Part # AS3668
Description  4 Channel Breathlight Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 14 Page - ams AG

Back Button AS3668 Datasheet HTML 10Page - ams AG AS3668 Datasheet HTML 11Page - ams AG AS3668 Datasheet HTML 12Page - ams AG AS3668 Datasheet HTML 13Page - ams AG AS3668 Datasheet HTML 14Page - ams AG AS3668 Datasheet HTML 15Page - ams AG AS3668 Datasheet HTML 16Page - ams AG AS3668 Datasheet HTML 17Page - ams AG AS3668 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
www.ams.com/AS3668
Revision 1.13
14 - 59
AS3668
Data Sheet - Detailed Description
8 Detailed Description
8.1 Charge Pump
The Charge Pump uses the external flying capacitor CFLY to generate output voltages higher than the battery voltage. There are two different
operating modes of the charge pump itself:

1:1 Bypass Mode
- Battery input and output are connected by a low-impedance switch
- battery current = output current.

1:2 Mode
- The output voltage is up to 2 times the battery voltage (without load), but is limited to VCPOUTmax all the time
- battery current = 2 times output current
Figure 22. Charge Pump Block Diagram .
As the battery voltage decreases, the Charge Pump must be switched from 1:1 mode to 1:2 mode in order to provide enough supply for the
current sinks. Depending on the actual current the mode with best overall efficiency can be automatically or manually selected:
The charge pump mode switching can be done manually or automatically with the following possible software settings:

Automatic
- Start with 1:1 mode
- Switch up automatically to 1:2 mode

Manual
- Set modes 1:1 and 1:2 by software
The Charge Pump requires the external components listed in the following table:
Note:
The connections of the external capacitors CVCPOUT and CFLY should be kept as short as possible.
.
Table 5. Charge Pump External Components
Symbol
Parameter
Condition
Min
Typ
Max
Unit
CFLY
External Flying Capacitor
Ceramic low-ESR capacitor between pins CP and CN
470
nF
CVCPOUT
External Storage Capacitor Ceramic low-ESR capacitor between pins VCP and VSS
1.0
μF
Table 6. Charge Pump Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ICPOUT
Output Current
Continuous
Depending on PCB layout
0.0
60
mA
VCPOUTmax
Output Voltage
Internally limited, Including output ripple
5.6
V

Efficiency
Including current sink loss;
ICPOUT = 60mA.
88
%
ICP1_2
Power Consumption
without Load,
fclk = 1 MHz
1:2 Mode
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com