Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 41 Page - ams AG

Part # AS3668
Description  4 Channel Breathlight Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 41 Page - ams AG

Back Button AS3668 Datasheet HTML 37Page - ams AG AS3668 Datasheet HTML 38Page - ams AG AS3668 Datasheet HTML 39Page - ams AG AS3668 Datasheet HTML 40Page - ams AG AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG AS3668 Datasheet HTML 43Page - ams AG AS3668 Datasheet HTML 44Page - ams AG AS3668 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
www.ams.com/AS3668
Revision 1.13
41 - 59
AS3668
Data Sheet - Detailed Description
Table 38. Pattern Timing Register
0x18 Pattern Timing Register
Bit
Bit Name
Default
Access
Bit Description
5:3
pattern_toff
0x03
R/W
These bits define the value of the parameter toff_CURR. It defines the off
time of CURR1, CURR2, CURR3 and CURR4 in pattern generation mode.
The same value is used for all four current sources in parallel.
000: 0.08s
001: 0.15s
010: 0.28s
011: 0.54s
100: 1.1s
101: 2.1s
110: 4.2s
111: 8.4s
2:0
pattern_ton
0
R/W
These bits define the value of the parameter ton_CURR. It defines the on
time of CURR1, CURR2, CURR3 and CURR4 in pattern generation mode.
The same value is used for all four current sources in parallel.
000: 0.04s
001: 0.07s
010: 0.14s
011: 0.27s
100: 0.53s
101: 1.1s
110: 2.1s
111: 4.2s
Table 39. Pattern Multiple Pulse Register
0x19 Pattern Multiple Pulse Register
Bit
Bit Name
Default
Access
Bit Description
7:6
multiple_pulse
0
R/W
Defines the number of multiple pulses applied to all current sources at the
same time.
00: 1 pulse
01: 2 pulses
10: 3 pulses
11: 4 pulses
1:0
tp_led
0
R/W
These bits define the value of parameter tp_CURR. It defines the pause time
for multiple pulse mode in pattern generation mode.
00: 0ms
01: 150ms
10: 280ms
11: 540ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com