Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658D-BCTP Datasheet(PDF) 8 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 8 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 4Page - ams AG AS3658D-BCTP Datasheet HTML 5Page - ams AG AS3658D-BCTP Datasheet HTML 6Page - ams AG AS3658D-BCTP Datasheet HTML 7Page - ams AG AS3658D-BCTP Datasheet HTML 8Page - ams AG AS3658D-BCTP Datasheet HTML 9Page - ams AG AS3658D-BCTP Datasheet HTML 10Page - ams AG AS3658D-BCTP Datasheet HTML 11Page - ams AG AS3658D-BCTP Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
7 - 157
AS3658
Data Sheet Confidential - Pin Assignmen ts
4.1
Pin Description
Table 2. Pin list CTBGA124, 8x8MM (AS3658)
Pin Name
Pin
Number
Pin
Type
Supply
Description
Charger
V_USB
P8
P
USB voltage supply input
VSUP_USB
P7
P
Supply output of USB charger (connect to Vsupply)
VCHARGER
N11
P
High voltage input coming from the charger; if the charger is
used connect a ceramic capacitor of 1µF
VGATE
M2
A
Switch ON control pin for the external PMOS Fet transistor of
the charger step down converter
VOFF_B
L2
A
Switch OFF control pin for the external PMOS Fet transistor of
the charger step down Buck converter
VSS_CH
J2
P
Ground pad of Step down Charger
VBAT_SW12
H13
P
VBAT
Battery switch input1 (battery side)
VBAT_SW12
J14
P
VBAT
Battery switch input2 (battery side)
VSUP_SW12
G14
P
VSUPPLY Battery switch input1 (supply side)
VSUP_SW12
H14
P
VSUPPLY Battery switch input2 (supply side)
BAT_SW
J13
A
Battery switch output for external PMOS
CH_SENSE_N
P3
A
VSUPPLY
Charger step down converter, external shunt resistor negative
connection
CH_SENSE_P
P2
A
VSUPPLY
Charger step down converter, external shunt resistor positive
connection
ISENSP
K14
A
V2_5
Positive sensing input voltage for the external charging current
shunt resistor
ISENSN
K13
A
V2_5
Negative sensing input voltage for the external charging
current shunt resistor
Serial Interface
SCL
D6
DI
VSUPPLY SCL input in I
2
C mode
SDA
B5
DIO
VSUPPLY SDA input / output in I
2
C mode
Control Interfaces
XRESET
F7
OD
VSUPPLY
Bidirectional Reset Pin – add an external pull-up resistor to the
digital supply
XINT
F8
OD
VSUPPLY
Interrupt Pin - add an external pull-up resistor to the digital
supply
XON
N4
IPU
V2_5
Input pin to startup the system (power on), internal pull-up,
apply zenerzap-programming voltage here
RTC
Q32K
C1
OD
VSUPPLY 32kHz oscillator digital output
XIN32
P13
A
V2_5
32kHz crystal oscillator input
XOUT32
N14
A
V2_5
32kHz crystal oscillator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com