Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658D-BCTP Datasheet(PDF) 44 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 44 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 40Page - ams AG AS3658D-BCTP Datasheet HTML 41Page - ams AG AS3658D-BCTP Datasheet HTML 42Page - ams AG AS3658D-BCTP Datasheet HTML 43Page - ams AG AS3658D-BCTP Datasheet HTML 44Page - ams AG AS3658D-BCTP Datasheet HTML 45Page - ams AG AS3658D-BCTP Datasheet HTML 46Page - ams AG AS3658D-BCTP Datasheet HTML 47Page - ams AG AS3658D-BCTP Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
43 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
VDiode
Ideal Diode start
voltage
50
mV
Vsupply_min
Vsupply level for
charging current
regulation (reduction),
to avoid voltage drop
on vsupply
-6%
3.9
3%
V
Trickle current (or constant current in
linear mode) will be regulated down,
if vsupply drops below this level
3.6
4.2
4.5
RSW
SINT P-Switch ON
resistance
0.10
Ω
VSUP_SW=3.6V
Table 36.
USB-Charger Bit definitions
Addr: 10
USB Charger Control
This register controls the mode of the USB charger, and the charger state
machine
Bit
Bit Name
Default Access
Description
5
dis_batsw_tmp_prot
ROM
R/W
0
Over temperature protection of battery switch
enabled. (If battery switch is in current source mode,
charging is stopped if chip temperature exceeds
110º)
1
Over temperature protection of battery switch
disabled
7
ext_batsw_en
ROM
R/W
0
External battery switch disabled (Pin BAT_SW =
max(VSUPPLY,VBAT))
1
External battery switch enabled (Pin BAT_SW=0V, if
status bits batsw_on=1 and batsw_mode=1. These
bits are controlled by the charger state machine)
Table 37. Battery switch status Bit definitions
Addr: 100
Charger status_usb
These bits show the status of the battery switch
Bit
Bit Name
Default Access
Description
2
batsw_mode
NA
R
0
Trickle charging (or constant current charging in
linear mode), if batsw_on=1. External PMOS switch
disabled
1
Switch on Battery switch, if batsw_on=1. External
PMOS switch enabled
3
batsw_on
NA
R
0
Battery switch off
1
Battery switch on (Mode defined by batsw_mode)
Table 35. Battery switch parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com