Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658D-BCTP Datasheet(PDF) 41 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 41 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 37Page - ams AG AS3658D-BCTP Datasheet HTML 38Page - ams AG AS3658D-BCTP Datasheet HTML 39Page - ams AG AS3658D-BCTP Datasheet HTML 40Page - ams AG AS3658D-BCTP Datasheet HTML 41Page - ams AG AS3658D-BCTP Datasheet HTML 42Page - ams AG AS3658D-BCTP Datasheet HTML 43Page - ams AG AS3658D-BCTP Datasheet HTML 44Page - ams AG AS3658D-BCTP Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
40 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 11. Backup Battery Charger Characteristics
5
BBCVolt
0
R/W
This value determines the maximum charging voltage
VBBC.
0
VBBC=2.5V
1
VBBC=3.0V
6
BBCPwrSave
1
R/W
0
Normal operation of the backup battery charger
1
The backup battery charger checks if it is actually
charging the battery (bit BUChAct=’1’) and it is
disabled if it is not. Every 10s (every 64s in state
“Off”) the voltage of the backup battery is checked
again to determine if charging is required. This
practically reduces the current consumption to 0 if
the backup battery is full.
7-
-
reserved
Table 34. Backup Battery Charger Register
Addr: 38
Backup Battery Charger
This register controls the Backup battery charger mode
Bit
Bit Name
Default Access
Description
IBACK
400µA
200µA
100µA
50µA
Vback_lim-VDelta
Vback_lim
VBACK
Rb=0FF
Rb=0N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com