Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658D-BCTP Datasheet(PDF) 22 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 22 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 18Page - ams AG AS3658D-BCTP Datasheet HTML 19Page - ams AG AS3658D-BCTP Datasheet HTML 20Page - ams AG AS3658D-BCTP Datasheet HTML 21Page - ams AG AS3658D-BCTP Datasheet HTML 22Page - ams AG AS3658D-BCTP Datasheet HTML 23Page - ams AG AS3658D-BCTP Datasheet HTML 24Page - ams AG AS3658D-BCTP Datasheet HTML 25Page - ams AG AS3658D-BCTP Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
21 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 7. DC/DC step up converter 1 with regulated output voltage (15V), and switch off function of output
voltage, to reduce shutdown current
As the output voltage is always on, an additional output transistor can be added to reduce shutdown current through
R1, R2 and the connected output circuit.
Note: A similar circuit can be used for step up converter 2.
8.1.2 StepUp1 Load Detection and Overcurrent Protection Circuit
This circuit protects the DCDC step up1 converter during short circuit and startup, by regulation of the output current.
An additional feature is the detection of a minimum output load of the Step-up converter. It is also possible to use this
circuit without the DCDC step up converter, by using the sense resistor only:
Detection circuit: If the voltage on Rsense exceeds VDETECT for more than 1msecond, or the DCDC Step up
converter is not in Pulseskip for more than 1 millisecond, the stepup1_det bit will be set.
Overcurrent protection: If the Overcurrent voltage VOVCURRENT has been exceeded by more than 5 msec the Bit
stpup1_oc will be set and can only reset, by switching off and on the Protection circuit by writing Stpup1_shortprot
0 – 1. If stepup1_oc is set the load will be disconnected, if Stpup1_oc_timeout=1
Table 7. StepUp1 protection/detection circuit parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
VDETECT
Detection Threshold
2
12.5
25
mV
For Rsense=0.150
Ω =>
83mA typ.
VOVCURRENT
Overcurrent Threshold
rising
150
180
215
mV
For Rsense=0.150
Ω =>
1.2A typ.
VOVhysteresis
Overcurrent Hysteresis
50
mV
tOV_timeout
Overcurrent timeout
5
ms
Interrupt and/or external PMOS
switching off after timeout
fclk_int = 2.2MHz
tdetect
Detection denounce
time
1ms
fclk_int = 2.2MHz



!
"
#

$

%$
&'()
"
"
*
+
"
# ,-- .
# && /
# && /
!""
0 %
)1(
(
( &
(
(
"0
#
2- ,- 3
45-
&6'
7
)42
32
#3 , 2
2- 8 29
':
$:
$
3 ,
#
32 ;
5-
2
4

-,-
$
3
-,-
, 22 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com