Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658D-BCTP Datasheet(PDF) 52 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 52 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 48Page - ams AG AS3658D-BCTP Datasheet HTML 49Page - ams AG AS3658D-BCTP Datasheet HTML 50Page - ams AG AS3658D-BCTP Datasheet HTML 51Page - ams AG AS3658D-BCTP Datasheet HTML 52Page - ams AG AS3658D-BCTP Datasheet HTML 53Page - ams AG AS3658D-BCTP Datasheet HTML 54Page - ams AG AS3658D-BCTP Datasheet HTML 55Page - ams AG AS3658D-BCTP Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 158 page
background image
Table 44. USB-Charger additional trimming
Addr:130
USB Current control
This register adds or subtracts current limit
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
51 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.9
Battery Charge Controller
The AS3658 device serves as a standalone battery charge controller supporting rechargeable lithium ion (Li+) and
nickel metal hybrid (NiMH) batteries. Requiring only a few external components, a full-featured battery charger with a
high degree of flexibility can easily be realized. The main features of the controller are:
Charge adapter detection
Charging of deeply discharged batteries
Low current (trickle) charging
Real constant current charging by regulation of the battery current instead of the charge current
2 different top-off charging modes: Pulse charging and constant voltage charging
Fuel gauge enables highly accurate remaining capacity estimation of the battery
Overvoltage protection for charge adapter input and main battery
Battery presence indication
Operation without battery
Reverse polarity and short protection
Charging timout timer
Battery NTC supervision
8.9.1 Charge Controller Operating Modes and Building Blocks
Linear Step down Charger detection
The charging circuit automatically detects, if a step down charger or a linear charger is connected externally, by
measuring the voltage on the pin VOFF_B. If this pin is tied to GND, the circuit detects a linear charger. Otherwise the
step down charger is detected
Charge adapter detection
The charge controller uses an integrated detection circuit to determine if an external charge adapter has been applied
to the VCHARGER or V_USB pin. If the adapter voltage exceeds the supply voltage at pin V_SUPPLY5 by VCHDET the
ChDet or USB_CHDet bit in the Charger Status register will be set. The detection circuit will reset the charge controller
(ChDet or USB_CHDet is cleared) as soon as the voltage at the VCHARGER or USB_CHDet pin drops to only VCHMIN
2:0
usb_add_trim_current
00h
R/W
Increase or decrease The USB current limit for additional in
system trimming:
100
usbcurrent-5.1%
101
usbcurrent-3.8%
110
usbcurrent-2.5%
111
usbcurrent-1.2%
000
usbcurrent+0%
001
usbcurrent+1.2%
010
usbcurrent+2.5%
011
usbcurrent+3.8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com