Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658D-BCTP Datasheet(PDF) 40 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 40 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 36Page - ams AG AS3658D-BCTP Datasheet HTML 37Page - ams AG AS3658D-BCTP Datasheet HTML 38Page - ams AG AS3658D-BCTP Datasheet HTML 39Page - ams AG AS3658D-BCTP Datasheet HTML 40Page - ams AG AS3658D-BCTP Datasheet HTML 41Page - ams AG AS3658D-BCTP Datasheet HTML 42Page - ams AG AS3658D-BCTP Datasheet HTML 43Page - ams AG AS3658D-BCTP Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
39 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 10. Backup Battery Charger Block Diagram
Table 33. Backup Battery Charger Characteristics
symbol
Parameter
Min
Typ
Max
Unit
Note
VSUPPLY
Supply voltage range
3.0
5.5
V
BBCVolt=’0’
3.3
5.5
BBCVolt=’1’
VBBC
Maximum charging
voltage
2.4
2.5
2.6
V
BBCVolt=’0’
2.9
3.0
3.1
BBCVolt=’1’
IBBC
Charge current
-30%
BBCCur +30%
A
Value is set by BBCCur in the
Backup Battery Charger register
VDELTA
Delta voltage for
resistive mode
160
220
300
mV
BBCResOff=’0’
IVSUPPLY
Supply current
20
µA
BBCResOff=’0’
30
BBCResOff=’1’
0.5
BBCPwrSave=’1’; backup battery
full.
Table 34. Backup Battery Charger Register
Addr: 38
Backup Battery Charger
This register controls the Backup battery charger mode
Bit
Bit Name
Default Access
Description
1:0
BBCMode
00b
R/W
00b
Backup battery charger is disabled
01b
Backup battery charger is enabled in states “Power
Off mode”, “standby mode” and “Active mode”.
(32kHz OSC has to be enabled in that mode
rtcmode=01b or 10b)
1Xb
Backup battery charger is enabled in state “Active
mode” and “standby mode”. (32kHz OSC has to be
enabled in that mode rtcmode=01b or 10b)
2
BBCResOff
0
R/W
0
Enable output resistor
1
Bypass output resistor
4:3
BBCCur
00b
R/W
This value determines the charge current IBBC.
00b
IBBC=50µA
10b
IBBC=200µA
01b
IBBC=100µA
11b
IBBC=400µA
Digital
Control
VSUPPLY
Rb
VBACK
Voltage limited
Current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com