Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658D-BCTP Datasheet(PDF) 85 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 85 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 81Page - ams AG AS3658D-BCTP Datasheet HTML 82Page - ams AG AS3658D-BCTP Datasheet HTML 83Page - ams AG AS3658D-BCTP Datasheet HTML 84Page - ams AG AS3658D-BCTP Datasheet HTML 85Page - ams AG AS3658D-BCTP Datasheet HTML 86Page - ams AG AS3658D-BCTP Datasheet HTML 87Page - ams AG AS3658D-BCTP Datasheet HTML 88Page - ams AG AS3658D-BCTP Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 158 page
background image
Table 82. Digital LDO (VDIG_1.4) Programming voltage table
Code (d)
Code (b)
VOUT(V)
Code (d)
Code (b)
VOUT(V)
www.austriamicrosystems.com
Revision 1v13
84 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Note: Full performance for Vout
≤ 2.20V; max. 100mA output current for Vout ≤ 2.50V; do not use values Vout>2.50V
8.12.3 Low power LDO (V2_5)
The Low power LDO V2_5 is needed to supply the chip core (analog and digital) of the device. It is designed to get the
lowest possible power consumption, and still offering reasonable regulation characteristics. The regulator has three
supply inputs selecting automatically the higher one. This gives the possibility to supply the chip core either with the
battery or with the charger depending on the conditions. Bulk switch comparators are used to avoid any parasitic
current flow. To ensure high PSRR and stability, a low-ESR ceramic capacitor of min. 1µF must be connected to the
output.
0
000000
0.75
22
010110
1.80
1
000001
0.80
23
010111
1.80
2
000010
0.85
24
011000
1.80
3
000011
0.90
25
011001
1.80
4
000100
0.95
26
011010
1.80
5
000101
1.00
27
011011
1.80
6
000110
1.05
28
011100
1.80
7
000111
1.10
29
011101
1.80
8
001000
1.15
30
011110
1.80
9
001001
1.20
31
011111
1.80
10
001010
1.25
32
100000
1.50 (do not use)
11
001011
1.30
33
100001
1.60 (do not use)
12
001100
1.35
34
100010
1.70 (do n0t use)
13
001101
1.40
35
100011
1.80 (do not use)
14
001110
1.45
36
100100
1.90
15
001111
1.50
37
100101
2.00
16
010000
1.55
38
100110
2.10
17
010001
1.60
39
100111
2.20
18
010010
1.65
40
101000
2.30
19
010011
1.70
41
101001
2.40
20
010100
1.75
42
101010
2.50
21
010101
1.80
Table 83. Low power LDO (V2_5) Characteristics,VBAT=4V; ILOAD_ext=0; Tamb=25ºC; CLOAD =2.2 µF (Ceramic);
unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
Note
VBAT
Supply voltage rage
2.8
5.5
V
VCHARGER
415
RON
On resistance
50
Ω
Guaranteed per design
PSRR
Power supply rejection
ratio
60
dB
f=1kHz
40
f=100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com