Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 10 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 10 Page - ams AG

Back Button AS3953 Datasheet HTML 6Page - ams AG AS3953 Datasheet HTML 7Page - ams AG AS3953 Datasheet HTML 8Page - ams AG AS3953 Datasheet HTML 9Page - ams AG AS3953 Datasheet HTML 10Page - ams AG AS3953 Datasheet HTML 11Page - ams AG AS3953 Datasheet HTML 12Page - ams AG AS3953 Datasheet HTML 13Page - ams AG AS3953 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
www.ams.com
Revision 1.0
10 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
Clock Extractor: The clock extractor extracts a digital clock signal from the PCD carrier field frequency which is used as clock signal by logic
blocks.
HF_PON: Observes rectified regulated voltage VREC. When the supply voltage is sufficiently high it enables operation of the PICC AFE and
the digital tag logic. A buffer capacitor and HF_PON hysteresis guarantees that there is no reset during reader (PCD) modulation.
Internal Regulator: Provides regulated voltage VP_INT to the PICC AFE and in most cases also to EEPROM and logic blocks. Typical
regulated voltage VP_INT is 2.0V. A buffer capacitor is also integrated.
External Regulator: Provides regulated voltage on external pin VP_REG where it can be used to supply some external circuitry. The
regulated voltage and output resistance can be adjusted using EEPROM settings (see Table 6). Appropriate external buffer capacitor is needed
in case VP_REG is used in the application. The current to be provided depends on reader field strength, antenna size and Q factor, but it is
limited to maximum 5mA.
Bias: Provides bias currents and reference voltages to PICC AFE analog blocks.
Figure 4. PICC AFE Block Diagram
HF
PON
Rectifier
Modulator
Switch
Limiter
Demodulator
Clock
Extractor
LC1
LC2
ISO 14443 A
LOGIC
External
Regulator
BIAS
VP_REG
Internal
Regulator
VP_INT
VREC
AS3953



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com