Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 14 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 14 Page - ams AG

Back Button AS3953 Datasheet HTML 10Page - ams AG AS3953 Datasheet HTML 11Page - ams AG AS3953 Datasheet HTML 12Page - ams AG AS3953 Datasheet HTML 13Page - ams AG AS3953 Datasheet HTML 14Page - ams AG AS3953 Datasheet HTML 15Page - ams AG AS3953 Datasheet HTML 16Page - ams AG AS3953 Datasheet HTML 17Page - ams AG AS3953 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
www.ams.com
Revision 1.0
14 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
If configuration
bit15 [nfc] is set to logic ‘1’, the SAK on Cascade Level 2 reports that tag is NFC passive target (see table below).
ATS.
ATS is response to ISO 14443-4 command
RATS. The content of the ATS is used to inform the PCD about PICC capability (like the maximum
frame size, support of higher bit rates, etc.)
Several response fields of ATS are stored in EEPROM configuration word. The AS3953 ATS is composed of following 5 bytes according to
[ISO4]: TL, T0, TA(1), TB(1) and TC(1).

TL: This is the length byte. Since ATS is composed of 5 bytes, its content is 0x05. Table below defines the coding of the TL byte.

T0: This is the format byte. Table below defines the coding of the T0 byte.
Bit
b8 is set to ‘0’.
Bits
b7 to b5 indicate presence of bytes TA(1), TB(1) and TC(1) and hence are all set to ‘1’.
Bits
b4 to b1 are called FCSI and codes FCS. The FCS is maximum size of a frame defined by PICC. It is defined by configuration bits fsci<3:0>.

TA(1): This codes the bit rate capability of PICC. Supported higher bit rates of AS3953 are 212, 424 and 848 kb/s. However in specific
applications, it is advised to report lower capability to PCD (for example, due to the usage of slow controller or low power application). Due
to this reason the TA(1) response is configurable using configuration bits.
Bit
b8 set to ‘0’ codes possibility of having different data rates for each direction.

TB(1): The interface byte TB(1) conveys information to define the frame waiting time and the start-up frame guard time. The interface byte
TB(1) consists of two parts:
- The most significant half-byte
b8 to b5 is called FWI and codes frame waiting time (FWT).
- The least significant half byte
b4 to b1 is called SFGI and codes a multiplier value used to define the SFGT. The SFGT defines a specific
guard time needed by the PICC before it is ready to receive the next frame after it has sent the ATS. SFGI is coded in the range from 0 to
14. The value of ‘0’ indicates ‘No SFGT needed’.
The SFGT bits are fixed to default value which is 0x0, while the FWI bits are defined by configuration bits
fwi<3:0>. Table below defines the
coding of the TB(1) byte.
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
1
0
00000
UID complete, tag is compliant to
NFCIP-1 transport protocol
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
0
0
0
0
1
0
1
Coding of ATS byte TL
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
0
1
1
1
fsci<3>
fsci<2>
fsci<1>
fsci<0>
Coding of ATS byte T0
TC(1)
TB(1)
TA(1)
FCSI
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
dr_sdr
dr_picc_8
dr_picc_4
dr_picc_2
0
dr_pcd_8
dr_pcd_4
dr_pcd_2
Coding of ATS byte TA(1)
DS (PICC to PCD)
DR (PCD to PICC)
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
fwi<3>
fwi<2>
fwi<1>
fwi<0>
0
0
0
0
Coding of ATS byte TB(1)
FWI
SFGI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com