Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 5 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 5 Page - ams AG

  AS3953 Datasheet HTML 1Page - ams AG AS3953 Datasheet HTML 2Page - ams AG AS3953 Datasheet HTML 3Page - ams AG AS3953 Datasheet HTML 4Page - ams AG AS3953 Datasheet HTML 5Page - ams AG AS3953 Datasheet HTML 6Page - ams AG AS3953 Datasheet HTML 7Page - ams AG AS3953 Datasheet HTML 8Page - ams AG AS3953 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
www.ams.com
Revision 1.0
5 - 42
AS3953
Datasheet - P in A s s ig n me nt s
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
MLPD
WL-CSP
Gold Bumped
Die
-
-
0
TEST
Internal use
No connection
1
C4
1
VP_SPI
Supply pad
Positive supply of SPI interface
2
B4
2
VP_REG
Analog output
Regulator output
3B3
3
LC1
Analog I/O
Connection to tag coil
4B2
4
LC2
5
C1
5
VSS
Supply pad
Ground, die substrate potential
6A1
6
/SS
Digital input
Serial Peripheral Interface enable (active low)
7B1
7
SCLK
Serial Peripheral Interface clock
8A2
8
MOSI
Serial Peripheral Interface data input
9
A3
9
MISO
Digital output / tristate
Serial Peripheral Interface data output
10
A4
10
IRQ
Digital output
Interrupt request output (active high)
11
-
-
Exposed Pad
Supply
Exposed pad to be connected to ground (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com