Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 24 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 24 Page - ams AG

Back Button AS3953 Datasheet HTML 20Page - ams AG AS3953 Datasheet HTML 21Page - ams AG AS3953 Datasheet HTML 22Page - ams AG AS3953 Datasheet HTML 23Page - ams AG AS3953 Datasheet HTML 24Page - ams AG AS3953 Datasheet HTML 25Page - ams AG AS3953 Datasheet HTML 26Page - ams AG AS3953 Datasheet HTML 27Page - ams AG AS3953 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
www.ams.com
Revision 1.0
24 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8.1.2 Reading of Data from Addressable Registers (Register Read Mode)
After the SPI operation mode bits the address of register to be read has to be provided from the MSB to the LSB. Then one or more data bytes
are transferred to MISO output, always from the MSB to the LSB. As in case of the write mode also the read mode supports auto-incrementing
address.
MOSI is sampled at the falling edge of SCLK (like shown in the following diagrams); data to be read from the AS3953 internal register is driven to
MISO pin on rising edge of SCLK and is sampled by the master at the falling edge of SCLK.
In case the register on defined address does not exist all ‘0’ data is sent to MISO.
In the following figure example for reading of single byte is given.
Figure 9. Reading of a Single Register
8.1.3 Writing and Reading of EEPROM Through SPI
EEPROM data can be read and written also through SPI interface. Due to possible conflict with RFID interface trying to access the EEPROM in
ISO 14443A - level4 mode, access is granted to SPI only in case the PICC AFE is not active.
In all other modes defined in Mode Definition Registers on page 31, the EEPROM can be accessed via SPI when the RF field is active.
Activity of the PICC AFE can be checked by observing
hf_pon bit of RFID Status Display Register. In case PICC AFE is activated while the
EEPROM writing or reading operation is going on, this operation is interrupted, and
l_ee_spi IRQ is sent.
Word Address Byte. Both EEPROM modes (Read and Write) use Word Address byte to define the address of EEPROM word which is
accessed. 7 MSB bits of the Address Byte are used to define the address; while the last bit is “don’t care” (utilized to synchronize EEPROM
access).
Note:
The valid range for the Word Address byte is from 0000 000xb to 0011 111xb (EEPROM words from 00h to 1Fh).
Table below defines the EEPROM Word Address byte.
EEPROM Write. In order to program an EEPROM word six bytes have to be sent (mode byte, word address byte and 4 bytes of word data, all
of them MSB first)). Actual programming of EEPROM is started with rising edge of /SS signal which terminated the EEPROM Write command.
During EEPROM programming the controller is not allowed to start another SPI activity. Controller is informed about the end of EEPROM
programming by sending an interrupt (an interrupt flag is set in the Auxiliary Interrupt Register).
I_eew flag is set in case EEPROM
programming is normally finished; in case of an error (writing to write protected word, writing to non-existent address) an error flag (
I_er_eew) is
set. Typical EEPROM programing time for one word is 8ms.
Note:
Word data is sent MSB first which is opposite to RFID EEPROM programming where LSB is sent first.
B7
B6
B5
B4
B3
B2
B1
B0
EEPROM Word Address
WA6WA5
WA4WA3
WA2WA1
WA0
x
00
1
A4
A3
A2
A1
A0
X
X
SCLK rising
edge Data is
moved from
Address
<A4-A0>
/SS rising
edge signals
end of READ
Mode
Three leading
bits indicate
Mode
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
SCLK falling
edge Data is
transfered to
µC
D
5
/SS
SCLK
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com