Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 11 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 11 Page - ams AG

Back Button AS3953 Datasheet HTML 7Page - ams AG AS3953 Datasheet HTML 8Page - ams AG AS3953 Datasheet HTML 9Page - ams AG AS3953 Datasheet HTML 10Page - ams AG AS3953 Datasheet HTML 11Page - ams AG AS3953 Datasheet HTML 12Page - ams AG AS3953 Datasheet HTML 13Page - ams AG AS3953 Datasheet HTML 14Page - ams AG AS3953 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
www.ams.com
Revision 1.0
11 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
7.3 Power Manager
Power manager is controlling the positive supply voltage of the PICC Logic, EEPROM and SPI Interface (VDD). Its inputs are VP_INT (rectified
and regulated supply extracted from PCD field) and the VP_SPI (SPI power supply from external).
In standby mode, when the AS3953 is not in a PCD field (condition is that rectified supply voltage is below HF_PON threshold) and the SPI is not
active (/SS is high) the VDD supply is disconnected not to consume on VP_SPI. The only consumption on VP_SPI is leakage of level shifters
and SPI pins.
When the AS3953 is placed in a PCD field the VDD is connected to VP_INT. This happens once the VP_INT level is above the HF_PON
threshold.
VP_SPI is connected to VDD only when the AS3953 is not in the PCD field (rectified supply voltage is below HF_PON threshold) and the SPI
interface is activated by pulling /SS signal low. The switch to VP_SPI is controlled by /SS signal. The deactivation is delayed by 0.7ms min., thus
the switch stays on in case the time between successive SPI activations shorter. During EEPROM writing, which is activated over the SPI, the
switch is also active.
At activation of the switch the time between the falling edge of /SS signal and rising edge of SCLK has to be at least 50µs to allow charging of
internal VDD buffer capacitor and expiration of POR signal. Please note that the only SPI operations, which are allowed in this mode, are reading
and writing of the EEPROM and registers.
Figure 5. Power Manager Concept
7.4 ISO 14443A Framing Mode
When Framing mode is selected the PICC logic performs receive and transmit framing according to the selected ISO 14443A bit rate.
During reception it recognizes the SOF, EOF and data bits, performs parity and CRC check, organizes the received data in bytes and places
them in the FIFO.
During transmit, it operates inversely, it takes bytes from FIFO, generates parity and CRC bits, adds SOF and EOF and performs data encoding.
Default bit rate in the Framing mode is fc/128 (~106 kb/s). Higher data rates may be configured by controller by writing the Bit Rate Definition
Register.
In order to respect the PCD-to-PICC frame delay according to ISO14443-3 at data rate fc/128 bit the PICC logic synchronizes the response to
the beginning of the next response window, but not earlier than window with n=9.
In this mode the EEPROM can be accessed via SPI when the RF field is active.
DELAY
VP_INT
VP_SPI
VDD
PON
/SS
EEPROM
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com