Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 6 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 6 Page - ams AG

Back Button AS3953 Datasheet HTML 2Page - ams AG AS3953 Datasheet HTML 3Page - ams AG AS3953 Datasheet HTML 4Page - ams AG AS3953 Datasheet HTML 5Page - ams AG AS3953 Datasheet HTML 6Page - ams AG AS3953 Datasheet HTML 7Page - ams AG AS3953 Datasheet HTML 8Page - ams AG AS3953 Datasheet HTML 9Page - ams AG AS3953 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
www.ams.com
Revision 1.0
6 - 42
AS3953
Datasheet - A bs o lu t e M ax i m um R at in gs
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 7 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
DC supply voltage
-0.5
5
V
VIN
Input pin voltage except LC1 and LC2
-0.5
5
V
Input pin voltage pins LC1 and LC2
-0.5
6.5
V
Peak current induced on pins
LC1 and LC2
100
mA
Iscr
Input current (latchup immunity)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge
ESD
Electrostatic discharge
±2
kV
Norm: MIL 883 E method 3015
(Human Body Model)
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
125
ºC
Tbody
Package body temperature
260
ºC
Norm: IPC/JEDEC J-STD-020
The reflow peak soldering temperature
(body temperature) is specified
according IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded
packages is “Matte Tin” (100% Sn)
Humidity non-condensing
585
%
MSL
Moisture Sensitivity Level for MLPD
3
Moisture Sensitivity Level for WL-CSP
1
tstrg_DOF
Storage time for DOF/dies or wafers on foil
3
months
Refer to indicated date of packing
Tstrg_DOF
Storage temperature for DOF/dies or
wafers on foil
18
24
ºC
RHopen_DOF Relative humidity for DOF/dies or wafers on
foil in open package
15
%
Opened package
RHUnopen_DOF Relative humidity for DOF/dies or wafers on
foil in closed package
40
60
%
Unopened package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com