Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 33 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 33 Page - ams AG

Back Button AS3953 Datasheet HTML 29Page - ams AG AS3953 Datasheet HTML 30Page - ams AG AS3953 Datasheet HTML 31Page - ams AG AS3953 Datasheet HTML 32Page - ams AG AS3953 Datasheet HTML 33Page - ams AG AS3953 Datasheet HTML 34Page - ams AG AS3953 Datasheet HTML 35Page - ams AG AS3953 Datasheet HTML 36Page - ams AG AS3953 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
www.ams.com
Revision 1.0
33 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8.3.5 Interrupt Register and Associated Registers
Mask Main Interrupt Register.
Note:
Default setting is set at power-up and after
Set Default command.
Mask Auxiliary Interrupt Register.
Note:
Default setting is set at power-up and after
Set Default command.
Address# 08h : Mask Main Interrupt
Type: RW
Bit
Name
Default
Function
Comments
7
M_pu
1
Mask power-up IRQ
This bit is set to ‘0’ during power-up
initialization in case EEPROM configuration
bit
irq_pu is set to ‘1’
6
M_wu_l4
1
Mask wake-up IRQ at entry in ACTIVE(*)
state
This bit is set to ‘0’ during power-up
initialization in case EEPROM configuration
bit
irq_l4 is set to ‘1’
5
M_wu
0
Mask wake-up IRQ triggered by sending
Wake-up command
4
M_rxs
0
Mask IRQ due to start of receive
3
M_rxe
0
Mask IRQ due to end of receive
2
M_txe
0
Mask IRQ due to end of transmission
1
M_wl
0
Mask IRQ due to FIFO water level
00
RFU
Address# 09h : Mask Auxiliary Interrupt
Type: RW
Bit
Name
Default
Function
Comments
7
M_des
0
Mask IRQ due to reception of
DESELECT
command
6
M_er_fr
0
Mask Framing error IRQ
5
M_er_par
0
Mask Parity error IRQ
4
M_er_crc
0
Mask CRC error IRQ
3
M_er_fifo
0
Mask FIFO error IRQ
2
M_eew
0
Mask IRQ due to successful termination of
EEPROM programming
1
M_er_eew
0
Mask error during EEPROM programming
IRQ
0
M_ee_spi
0
Mask IRQ due to interruption of EEPROM
access due to PICC interface activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com