Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GPZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP482GPZ
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GPZ Datasheet(HTML) 4 Page - Analog Devices

  OP482GPZ Datasheet HTML 1Page - Analog Devices OP482GPZ Datasheet HTML 2Page - Analog Devices OP482GPZ Datasheet HTML 3Page - Analog Devices OP482GPZ Datasheet HTML 4Page - Analog Devices OP482GPZ Datasheet HTML 5Page - Analog Devices OP482GPZ Datasheet HTML 6Page - Analog Devices OP482GPZ Datasheet HTML 7Page - Analog Devices OP482GPZ Datasheet HTML 8Page - Analog Devices OP482GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP282/OP482
Data Sheet
Rev. I | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
±18 V
Differential Input Voltage1
36 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
1
For supply voltages less than ±18 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device in
socket for PDIP. θJA is specified for a device soldered in the circuit
board for SOIC_N, MSOP, and WLCSP packages. This was
measured using a standard 4-layer board.
Table 3.
Package Type
θJA
θJC
Unit
8-Lead MSOP [RM]
142
45
°C/W
8-Lead SOIC_N (S-Suffix) [R]
120
45
°C/W
14-Lead PDIP (P-Suffix) [N]
83
39
°C/W
14-Lead SOIC_N (S-Suffix) [R]
112
35
°C/W
14-Ball WLCSP [CB]1, 2
70
16
°C/W
1
Simulated thermal numbers per JESD51-9.
2
Junction-to-board thermal resistance.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com