Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GPZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP482GPZ
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP482GPZ Datasheet HTML 6Page - Analog Devices OP482GPZ Datasheet HTML 7Page - Analog Devices OP482GPZ Datasheet HTML 8Page - Analog Devices OP482GPZ Datasheet HTML 9Page - Analog Devices OP482GPZ Datasheet HTML 10Page - Analog Devices OP482GPZ Datasheet HTML 11Page - Analog Devices OP482GPZ Datasheet HTML 12Page - Analog Devices OP482GPZ Datasheet HTML 13Page - Analog Devices OP482GPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP282/OP482
Data Sheet
Rev. I | Page 10 of 16
600
0
300
100
200
500
400
1M
1k
100
100k
10k
FREQUENCY (Hz)
AVCL = 10
VS = ±15V
TA = 25°C
AVCL = 1
AVCL = 100
Figure 36. OP482 Closed-Loop Output Impedance vs. Frequency
TEMPERATURE (
°C)
1.20
0.80
0.90
0.85
1.00
0.95
1.05
1.10
1.15
–50
–75
125
100
75
50
25
0
–25
VS = ±15V
Figure 37. OP482 Relative Supply Current vs. Temperature
LOAD RESISTANCE (
Ω)
10k
1k
100
16
0
2
8
6
10
12
14
4
POSITIVE
SWING
NEGATIVE
SWING
VS = ±15V
TA = 25°C
Figure 38. OP482 Maximum Output Voltage vs. Load Resistance
100
20
40
0
20
80
60
1M
1k
100
100k
10k
FREQUENCY (Hz)
+PSRR
VS = ±15V
ΔV = 100mV
TA = 25°C
–PSRR
Figure 39. OP482 Power Supply Rejection Ratio (PSRR) vs. Frequency
20
15
5
10
SINK
SOURCE
TEMPERATURE (
°C)
75
–75
0
25
50
–50
–25
100
125
VS = ±15V
0
Figure 40. OP482 Short-Circuit Current vs. Temperature
30
0
15
5
10
25
20
100k
10k
1k
1M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
AVCL = 1
RL = 10kΩ
Figure 41. OP482 Maximum Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com