Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GPZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP482GPZ
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP482GPZ Datasheet HTML 2Page - Analog Devices OP482GPZ Datasheet HTML 3Page - Analog Devices OP482GPZ Datasheet HTML 4Page - Analog Devices OP482GPZ Datasheet HTML 5Page - Analog Devices OP482GPZ Datasheet HTML 6Page - Analog Devices OP482GPZ Datasheet HTML 7Page - Analog Devices OP482GPZ Datasheet HTML 8Page - Analog Devices OP482GPZ Datasheet HTML 9Page - Analog Devices OP482GPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP282/OP482
Data Sheet
Rev. I | Page 6 of 16
FREQUENCY (Hz)
10
1
1000
100
10k
1k
100
10
VS = ±15V
TA = 25°C
Figure 12. OP282 Voltage Noise Density vs. Frequency
COMMON-MODE VOLTAGE (V)
–15
0.1
1000
10
15
–5
1
100
10
5
0
–10
VS = ±15V
TA = 25°C
Figure 13. OP282 Input Bias Current vs. Common-Mode Voltage
SUPPLY VOLTAGE (V)
0
450
480
±20
±10
455
465
460
±15
±5
TA = 25°C
470
475
Figure 14. OP282 Supply Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
0
–20
20
±20
±10
–15
–5
–10
±15
±5
TA = 25°C
RL = 10kΩ
0
15
VOH
VOL
5
10
Figure 15. OP282 Output Voltage Swing vs. Supply Voltage
FREQUENCY (Hz)
1k
0.1
100
1000
10k
1M
100
100k
1
10
VS = ±15V
TA = 25°C
AVCL = 100
AVCL = 10
AVCL = 1
Figure 16. OP282 Closed-Loop Output Impedance vs. Frequency
TEMPERATURE (°C)
–50
450
480
125
25
455
75
0
460
475
465
470
–25
50
100
Figure 17. OP282 Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com