Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GPZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP482GPZ
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP482GPZ Datasheet HTML 4Page - Analog Devices OP482GPZ Datasheet HTML 5Page - Analog Devices OP482GPZ Datasheet HTML 6Page - Analog Devices OP482GPZ Datasheet HTML 7Page - Analog Devices OP482GPZ Datasheet HTML 8Page - Analog Devices OP482GPZ Datasheet HTML 9Page - Analog Devices OP482GPZ Datasheet HTML 10Page - Analog Devices OP482GPZ Datasheet HTML 11Page - Analog Devices OP482GPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP282/OP482
Data Sheet
Rev. I | Page 8 of 16
TCVOS (µV/°C)
0
0
400
20
80
16
120
160
40
28
32
36
24
200
280
320
360
240
4
12
8
VS = ±15V
300 × OP282
(600 OP AMPS)
Figure 24. OP282 TCVOS Distribution, SOIC_N Package
FREQUENCY (Hz)
1k
10k
100k
1M
100M
10M
80
90
135
0
45
180
60
40
20
0
VS = ±15V
TA = 25°C
Figure 25. OP482 Open-Loop Gain and Phase vs. Frequency
125
100
50
75
25
0
–75
–50
–25
TEMPERATURE (°C)
30
35
25
20
15
10
5
VS = ±15V
RL = 10kΩ
0
Figure 26. OP482 Open-Loop Gain vs. Temperature
500
0
300
100
200
400
70
10
0
60
50
40
30
20
LOAD CAPACITANCE (pF)
AVCL = 1
NEGATIVE EDGE
VS = ±15V
RL = 2kΩ
VIN = 100mV p-p
AVCL = 1
POSITIVE EDGE
Figure 27. OP482 Small-Signal Overshoot vs. Load Capacitance
FREQUENCY (Hz)
1k
10k
100k
1M
100M
10M
60
40
20
10
0
50
30
–10
–20
AVCL = 10
AVCL = 1
AVCL = 100
VS = ±15V
TA = 25°C
Figure 28. OP482 Closed-Loop Gain vs. Frequency
–SR
–75
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
5
10
25
15
20
+SR
VS = ±15V
RL = 10kΩ
CL = 50pF
0
Figure 29. OP482 Slew Rate vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com