Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GPZ Datasheet(PDF) 16 Page - Analog Devices

Part # OP482GPZ
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button OP482GPZ Datasheet HTML 8Page - Analog Devices OP482GPZ Datasheet HTML 9Page - Analog Devices OP482GPZ Datasheet HTML 10Page - Analog Devices OP482GPZ Datasheet HTML 11Page - Analog Devices OP482GPZ Datasheet HTML 12Page - Analog Devices OP482GPZ Datasheet HTML 13Page - Analog Devices OP482GPZ Datasheet HTML 14Page - Analog Devices OP482GPZ Datasheet HTML 15Page - Analog Devices OP482GPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
OP282/OP482
Data Sheet
Rev. I | Page 16 of 16
1.165
1.128
1.090
2.160
2.123
2.085
A
B
C
D
E
F
1
2
3
BOTTOM VIEW
(BALL SIDE UP)
1.60
REF
0.694
REF
0.40
BSC
0.20
BSC
0.347
BSC
0.347
BSC
G
H
J
0.287
0.267
0.247
0.415
0.400
0.385
0.230
0.200
0.170
0.645
0.600
0.555
TOP VIEW
(BALL SIDE DOWN)
END VIEW
BALL A1
IDENTIFIER
SEATING
PLANE
COPLANARITY
0.05
Figure 53. 14-Ball Wafer Level Chip Scale Package [WLCSP]
CB-14-2
Controlling dimensions are millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
OP282ARMZ
−40°C to +85°C
8-Lead MSOP
RM-8
A0B
OP282ARMZ-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
A0B
OP282GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP282GS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP282GS-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP282GSZ
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP282GSZ-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP282GSZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
OP482ACBZ-RL
−40°C to +85°C
14-Ball WLCSP
CB-14-2
A2J
OP482ACBZ-R7
−40°C to +85°C
14-Ball WLCSP
CB-14-2
A2J
OP482GPZ
−40°C to +85°C
14-Lead PDIP
P-Suffix (N-14)
OP482GS
−40°C to +85°C
14-Lead SOIC_N
S-Suffix (R-14)
OP482GS-REEL
−40°C to +85°C
14-Lead SOIC_N
S-Suffix (R-14)
OP482GS-REEL7
−40°C to +85°C
14-Lead SOIC_N
S-Suffix (R-14)
OP482GSZ
−40°C to +85°C
14-Lead SOIC_N
S-Suffix (R-14)
OP482GSZ-REEL
−40°C to +85°C
14-Lead SOIC_N
S-Suffix (R-14)
OP482GSZ-REEL7
−40°C to +85°C
14-Lead SOIC_N
S-Suffix (R-14)
1
Z = RoHS Compliant Part.
©1991–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00301-0-9/13(I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com