Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GPZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP482GPZ
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GPZ Datasheet(HTML) 5 Page - Analog Devices

  OP482GPZ Datasheet HTML 1Page - Analog Devices OP482GPZ Datasheet HTML 2Page - Analog Devices OP482GPZ Datasheet HTML 3Page - Analog Devices OP482GPZ Datasheet HTML 4Page - Analog Devices OP482GPZ Datasheet HTML 5Page - Analog Devices OP482GPZ Datasheet HTML 6Page - Analog Devices OP482GPZ Datasheet HTML 7Page - Analog Devices OP482GPZ Datasheet HTML 8Page - Analog Devices OP482GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
OP282/OP482
Rev. I | Page 5 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
1k
–40
–20
60
80
10k
1M
10M
100k
20
40
0
VS = ±15V
TA = 25°C
–45
135
45
90
0
–90
180
Figure 6. OP282 Open-Loop Gain and Phase vs. Frequency
TEMPERATURE (°C)
–75
0
5
35
45
–25
100
125
25
15
25
10
VS = ±15V
RL = 10kΩ
20
30
40
75
50
0
–50
Figure 7. OP282 Open-Loop Gain vs. Temperature
LOAD CAPACITANCE (pF)
0
0
10
70
80
200
400
500
30
50
20
40
60
300
100
VS = ±15V
RL = 2kΩ
VIN = 100mV p-p
AVCL = 1
TA = 25°C
+OS
–OS
Figure 8. OP282 Small-Signal Overshoot vs. Load Capacitance
FREQUENCY (Hz)
1k
–30
–20
60
70
10k
1M
10M
100k
20
40
0
VS = ±15V
TA = 25°C
–10
50
10
30
AVCL = 100
AVCL = 10
AVCL = 1
Figure 9. OP282 Closed-Loop Gain vs. Frequency
TEMPERATURE (°C)
–75
0
5
30
–25
100
125
25
15
25
10
VS = ±15V
RL = 10kΩ
CL = 50pF
20
75
50
0
–50
–SR
+SR
Figure 10. OP282 Slew Rate vs. Temperature
TEMPERATURE (°C)
–75
0.1
1000
–25
100
125
25
1
100
10
75
50
0
–50
VS = ±15V
VCM = 0V
Figure 11. OP282 Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com