Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GPZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP482GPZ
Description  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP482GPZ Datasheet HTML 3Page - Analog Devices OP482GPZ Datasheet HTML 4Page - Analog Devices OP482GPZ Datasheet HTML 5Page - Analog Devices OP482GPZ Datasheet HTML 6Page - Analog Devices OP482GPZ Datasheet HTML 7Page - Analog Devices OP482GPZ Datasheet HTML 8Page - Analog Devices OP482GPZ Datasheet HTML 9Page - Analog Devices OP482GPZ Datasheet HTML 10Page - Analog Devices OP482GPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
OP282/OP482
Rev. I | Page 7 of 16
LOAD RESISTANCE (
Ω)
0
6
16
1k
10k
100
2
4
VS = ±15V
TA = 25°C
VOL
VOH
12
8
10
14
Figure 18. OP282 Absolute Output Voltage vs. Load Resistance
FREQUENCY (Hz)
1k
–60
40
140
10k
1M
100
100k
0
20
–40
–20
60
100
120
80
–PSRR
+PSRR
VS = ±15V
TA = 25°C
Figure 19. OP282 PSRR vs. Frequency
TEMPERATURE (°C)
–50
0
14
125
25
4
75
0
6
12
8
10
–25
50
100
2
SINK
SOURCE
VS = ±15V
TA = 25°C
Figure 20. OP282 Short-Circuit Current vs. Temperature
FREQUENCY (Hz)
100
0
5
25
30
1k
100k
1M
10k
15
20
10
VS = ±15V
TA = 25°C
RL = 10kΩ
AVCL = 1
Figure 21. OP282 Maximum Output Swing vs. Frequency
FREQUENCY (Hz)
1k
–60
40
140
10k
1M
100
100k
0
20
–40
–20
60
100
120
80
VS = ±15V
TA = 25°C
Figure 22. OP282 CMRR vs. Frequency
VOS (µV)
–2000
0
200
–400
80
–1200
120
160
40
400
1200
2000
VS = ±15V
TA = 25°C
300 × OP282
(600 OP AMPS)
0
Figure 23. OP282 VOS Distribution, SOIC_N Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com